Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS401ABG-REEL Datasheet(Arkusz danych) 6 Page - Analog Devices

Numer części ADXRS401ABG-REEL
Szczegółowy opis  -75/s Single Chip Yaw Rate Gyro with Signal Conditioning
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 6 page
background image
ADXRS401
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
@ BW = 40 Hz, Typical Vibration Characteristics, 10 g Flat Band, 20 Hz to 2 kHz.
30
25
20
15
10
5
0
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
OUTPUT IN VOLTS
Figure 4. Initial Null Output
20
18
16
14
12
10
8
6
4
2
0
–10
–8
–6
–4
–2
0
2468
10
NULL SHIFT IN mV/
°C
Figure 5. Null Tempco
40
35
30
25
20
15
10
5
0
13.50
14.00
14.50
15.00
15.50
16.00
16.50
SENSITIVITY IN mV/DEGREE/SECOND
Figure 6. Initial Sensitivity
30
25
20
15
10
5
0
–8
–6
–4
–2
0
2
4
8
6
% SENSITIVITY SHIFT OVER TEMPERATURE
Figure 7. Sensitivity Change Over Temperature
2.50
2.49
2.48
2.47
2.46
2.45
05
TIME (Seconds)
PACKAGE LATERAL AXIS (1/60 SEC SAMPLE RATE)
10
Figure 8. 10 g Random Vibration in Package-Lateral Axis Orientation
05
TIME (Seconds)
PACKAGE LONGITUDINAL AXIS (1/60 SEC SAMPLE RATE)
10
2.50
2.49
2.48
2.47
2.46
2.45
Figure 9. 10 g Random Vibration in Package-Longitudinal Axis Orientation




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXRS150±150°/s Single Chip Yaw Rate Gyro with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADXRS300±300°/s Single Chip Yaw Rate Gyro with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADXL05+-1 g to +-5 g Single Chip Accelerometer with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADIS16100+-300°/sec Yaw Rate Gyro with SPI Interface 1 2 3 4 5 MoreAnalog Devices
ADIS16080±80°/sec Yaw Rate Gyro with SPI Interface 1 2 3 4 5 MoreAnalog Devices
ADXRS150EB150/s Single Chip Rate Gyro Evaluation Board 1 Analog Devices
AN5295NK3-ch. sound signal processing single chip IC for TV with I2C bus 1 2 3 4 5 MorePanasonic Semiconductor
TC9284BFCD SINGLE CHIP PROCESSOR WITH BUILT-IN 1BIT DA CONVERTER 1 2 3 4 5 MoreToshiba Semiconductor
LC865520B8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM 1 2 3 4 5 MoreSanyo Semicon Device
LC86E56328-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl