Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS401ABG-REEL Datasheet(Arkusz danych) 8 Page - Analog Devices

Numer części ADXRS401ABG-REEL
Szczegółowy opis  -75/s Single Chip Yaw Rate Gyro with Signal Conditioning
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 8 page
background image
ADXRS401
Rev. 0 | Page 8 of 12
THEORY OF OPERATION
AGND
TEMP
ST2
ST1
PGND
CP1
CP2
CP4
RATEOUT
CP4
PDD
CMID
SUMJ
COUT = 22nF
2.5V
6A
5A
4A
3A
2A
1B
1C
1D
1E
1F
7B
7C
7D
7E
7F
6G
5G
4G
3G
2G
CP5
CP3
100nF
22nF
AVCC
100nF
100nF
PGND
22nF
1
µF
5V
Figure 14. Example Application Circuit (Top View)
Note that inner rows/columns of pins have been omitted for clarity but should be connected in the application.
The ADXRS401 operates on the principle of a resonator gyro.
Two polysilicon sensing structures each contain a dither frame,
which is electrostatically driven to resonance. This produces the
necessary velocity element to produce a Coriolis force during
angular rate. At two of the outer extremes of each frame,
orthogonal to the dither motion, are movable fingers that are
placed between fixed pickoff fingers to form a capacitive pickoff
structure that senses Coriolis motion.
The resulting signal is fed to a series of gain and demodulation
stages that produce the electrical rate signal output. The dual-
sensor design rejects external g-forces and vibration.
Fabricating the sensor with the signal conditioning electronics
preserves signal integrity in noisy environments.
The electrostatic resonator requires 14 V to 16 V for operation.
Since only 5 V is typically available in most applications, a
charge pump is included on-chip. If an external 14 V to 16 V
supply is available, the two capacitors on CP1 to CP4 can be
omitted and this supply can be connected to CP5 (Pin 7D) with
a 1 µF decoupling capacitor.
After the demodulation stage there is a single-pole low-pass
filter consisting of an internal 9 kΩ resistor (RSEN1) and an
external user-supplied capacitor (CMID). A CMID capacitor of
100 nF sets a 400 Hz low-pass pole ± 35% and is used to limit
high frequency artifacts before final amplification. A bandwidth
limit capacitor, COUT, sets the pass bandwidth (see Setting
Bandwidth section).
SUPPLY AND COMMON CONSIDERATIONS
Only power supplies used for supplying analog circuits are
recommended for powering the ADXRS401. High frequency
noise and transients associated with digital circuit supplies may
have adverse affects on device operation. 1 µF shows the
recommended connections for the ADXRS401 where both
AVCC and PDD have a separate decoupling capacitor. These
should be placed as close to their respective pins as possible
before routing to the system analog supply. This will minimize
the noise injected by the charge pump that uses the PDD supply.
It is also recommended to place the charge pump capacitors
connected to the CP1 to CP4 pins as close to the part as
possible. These capacitors are used to produce the on-chip high
voltage supply switched at the dither frequency at
approximately 14 kHz. Care should be taken to ensure that
there is no more than 50 pF of stray capacitance between CP1
to CP4 and ground. Surface-mount chip capacitors are suitable
as long as they are rated for over 15 V.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXRS150±150°/s Single Chip Yaw Rate Gyro with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADXRS300±300°/s Single Chip Yaw Rate Gyro with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADXL05+-1 g to +-5 g Single Chip Accelerometer with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADIS16100+-300°/sec Yaw Rate Gyro with SPI Interface 1 2 3 4 5 MoreAnalog Devices
ADIS16080±80°/sec Yaw Rate Gyro with SPI Interface 1 2 3 4 5 MoreAnalog Devices
ADXRS150EB150/s Single Chip Rate Gyro Evaluation Board 1 Analog Devices
AN5295NK3-ch. sound signal processing single chip IC for TV with I2C bus 1 2 3 4 5 MorePanasonic Semiconductor
TC9284BFCD SINGLE CHIP PROCESSOR WITH BUILT-IN 1BIT DA CONVERTER 1 2 3 4 5 MoreToshiba Semiconductor
LC865520B8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM 1 2 3 4 5 MoreSanyo Semicon Device
LC86E56328-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl