Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS401ABG-REEL Datasheet(Arkusz danych) 10 Page - Analog Devices

Numer części ADXRS401ABG-REEL
Szczegółowy opis  -75/s Single Chip Yaw Rate Gyro with Signal Conditioning
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 10 page
background image
ADXRS401
Rev. 0 | Page 10 of 12
USE WITH A SUPPLY-RATIOMETRIC ADC
The ADXRS401’s RATEOUT signal is nonratiometric (that is,
neither the null voltage nor the rate sensitivity is proportional to
the supply). Rather, they are nominally constant for dc supply
changes within the 4.75 V to 5.25 V operating range. If the
ADXRS401 is used with a supply-ratiometric ADC, the
ADXRS401’s 2.5 V output can be converted and used to make
corrections in software for the supply variations.
NULL ADJUST
Null adjustment is possible by injecting a suitable current to
SUMJ (1C, 2C). Simply add a suitable resistor to either the
ground or the positive supply. The nominal 2.5 V null is for a
symmetrical swing range at RATEOUT (1B, 2A). In some
applications, a nonsymmetrical output swing may be suitable.
If a resistor is connected to the positive supply, supply
disturbances may reflect some null instability. Avoid digital
supply noise, particularly in this case (see the Supply and
Common Considerations section).
The resistor value to use is approximately:
)
V
V
180,000)/(
(2.5
R
NULL1
NULL0
NULL
×
=
VNULL0 is the unadjusted zero rate output, and VNULL1 is the target
null value. If the initial value is below the desired value, the
resistor should terminate on common or ground. If it is above
the desired value, the resistor should terminate on the 5 V
supply. Values typically are in the 1 MΩ to 5 MΩ range.
If an external resistor is used across RATEOUT and SUMJ, the
parallel equivalent value is substituted into the above equation.
Note that the resistor value is an estimate since it assumes
VCC = 5.0 V and VSUMJ = 2.5 V.
SELF-TEST FUNCTION
The ADXRS401 includes a self-test feature that stimulates each
of the sensing structures and associated electronics in the same
manner, as if subjected to angular rate. It is activated by
standard logic high levels applied to inputs ST1 (5F, 5G), ST2
(4F, 4G), or both. ST1 causes the voltage at RATEOUT to
change about −0.800 V, and ST2 causes an opposite +0.800 V.
Activating both ST1 and ST2 simultaneously is not damaging.
Because ST1 and ST2 are not necessarily closely matched,
actuating both simultaneously may result in an apparent null
bias shift.
ACCELERATION SENSITIVITY
The sign convention used is that lateral acceleration is positive
in the direction from Pin Column A to Pin Column G of the
package. That is, a device has positive sensitivity if its voltage
output increases when the row of Pins 2A to 6A are tipped
under the row 2G to 6G in the Earth’s gravity.
There are two effects of concern: shifts in the static null and
induced null noise. Scale factor is not significantly affected until
acceleration reaches several hundred meters per second
squared.
Vibration rectification for frequencies up to 20 kHz is of the
order of 0.00002(°/s)/(m/s2)2 in the primary axis and
0.0003(°/s)/(m/s2)2 for acceleration applied along a diagonal of
the lid. It is not significantly dependent on frequency, and has
been verified up to 300 m/s2 rms.
Linear vibration spectral density near the 14 kHz sensor
resonance translates into output noise. In order to have a
significant effect, the vibration must be within the angular rate
bandwidth (typically ±40 Hz of the resonance), so it takes
considerable high frequency vibration to have any effect.
Away from the 14 kHz resonance, the effect is not discernible,
except for vibration frequencies within the angular rate pass
band. The in-band effect can be seen in Figure 17. This is the
result of the static g-sensitivity. The specimen used for Figure 17
had a g-sensitivity of 0.15 °/s/g and its total in-band noise
degraded from 3 mV rms to 5 mV rms for the specified
vibration. The effect of broadband vibration up is shown in
Figure 18 and Figure 19.
The output noise of the part falls away in accordance with the
output low-pass filter and does not contain any spikes greater
than 1% of the low frequency noise. A typical noise spectrum is
shown in Figure 16.
–60
–70
–80
–90
–100
–110
–120
–130
0
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 16. Noise Spectral Density at RATEOUT – BW = 4Hz




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXRS150±150°/s Single Chip Yaw Rate Gyro with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADXRS300±300°/s Single Chip Yaw Rate Gyro with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADXL05+-1 g to +-5 g Single Chip Accelerometer with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADIS16100+-300°/sec Yaw Rate Gyro with SPI Interface 1 2 3 4 5 MoreAnalog Devices
ADIS16080±80°/sec Yaw Rate Gyro with SPI Interface 1 2 3 4 5 MoreAnalog Devices
ADXRS150EB150/s Single Chip Rate Gyro Evaluation Board 1 Analog Devices
AN5295NK3-ch. sound signal processing single chip IC for TV with I2C bus 1 2 3 4 5 MorePanasonic Semiconductor
TC9284BFCD SINGLE CHIP PROCESSOR WITH BUILT-IN 1BIT DA CONVERTER 1 2 3 4 5 MoreToshiba Semiconductor
LC865520B8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM 1 2 3 4 5 MoreSanyo Semicon Device
LC86E56328-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl