Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA1M0880D Arkusz danych(PDF) 10 Page - Fairchild Semiconductor

Numer części KA1M0880D
Szczegółowy opis  Power Switch(FPS)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA1M0880D Arkusz danych(HTML) 10 Page - Fairchild Semiconductor

Back Button KA1M0880D Datasheet HTML 2Page - Fairchild Semiconductor KA1M0880D Datasheet HTML 3Page - Fairchild Semiconductor KA1M0880D Datasheet HTML 4Page - Fairchild Semiconductor KA1M0880D Datasheet HTML 5Page - Fairchild Semiconductor KA1M0880D Datasheet HTML 6Page - Fairchild Semiconductor KA1M0880D Datasheet HTML 7Page - Fairchild Semiconductor KA1M0880D Datasheet HTML 8Page - Fairchild Semiconductor KA1M0880D Datasheet HTML 9Page - Fairchild Semiconductor KA1M0880D Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
KA1M0880D
10/17/01 0.0m 001
Stock#DSxxxxxxxx
 2001 Fairchild Semiconductor Corporation
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with
instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY
PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY
LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER
DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
Ordering Information
TU : Non Forming Type
YDTU : Forming type
Product Number
Package
Rating
Fosc
KA1M0880D-TU
TO-3P-5L
800V, 8A
67kHz
KA1M0880D-YDTU
TO-3P-5L(Forming)


Podobny numer części - KA1M0880D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA1M0880 FAIRCHILD-KA1M0880 Datasheet
111Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880 FAIRCHILD-KA1M0880 Datasheet
139Kb / 8P
   SPS
KA1M0880B-TU FAIRCHILD-KA1M0880B-TU Datasheet
111Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880B-TU FAIRCHILD-KA1M0880B-TU Datasheet
118Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880B-YDTU FAIRCHILD-KA1M0880B-YDTU Datasheet
111Kb / 10P
   Fairchild Power Switch(FPS)
More results

Podobny opis - KA1M0880D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA5S FAIRCHILD-KA5S_03 Datasheet
213Kb / 16P
   Power Switch(FPS)
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6S1265RE FAIRCHILD-FS6S1265RE Datasheet
598Kb / 10P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com