Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL39X-021-0571 Arkusz danych(PDF) 3 Page - DB Lectro Inc

Numer części TL39X-021-0571
Szczegółowy opis  LOW PROFILE ENCAPSULATED TRANSFORMER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DBLECTRO [DB Lectro Inc]
Strona internetowa  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

TL39X-021-0571 Arkusz danych(HTML) 3 Page - DB Lectro Inc

  TL39X-021-0571 Datasheet HTML 1Page - DB Lectro Inc TL39X-021-0571 Datasheet HTML 2Page - DB Lectro Inc TL39X-021-0571 Datasheet HTML 3Page - DB Lectro Inc TL39X-021-0571 Datasheet HTML 4Page - DB Lectro Inc TL39X-021-0571 Datasheet HTML 5Page - DB Lectro Inc TL39X-021-0571 Datasheet HTML 6Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LOW PROFILE
ENCAPSULATED
TRANSFORMER
TL39E & TL39U Series
E TYPE
U TYPE
Bottom View
#19
#1
#12
#17
#14
#9
#6
#4
#9
PRI 2
#6
SEC 2
PRI 1
#4
#1
SEC 1
#12
#14
#17
#19
Bottom View
#7
#8
#6
#5
#3
#1
#2
#4
#1
PRI 2
#2
SEC 2
#5
#6
PRI 1
#4
#3
SEC 1
#8
#7
Input Voltage : 115V/60Hz (at Pin 1 – Pin 4)
(Pin 1 & Pin 9 short, Pin 4 & Pin 6 short)
230V/50Hz (at Pin 1 – Pin 6)
(Pin 4 & Pin 9 short)
Output Voltage : (Pin 12 – 14 & Pin 17 – 19)
Input Voltage : 115V/60Hz (at Pin 1 – Pin 2)
(Pin 1 & Pin 3 short, Pin 2 & Pin 4 short)
230V/50Hz (at Pin 1 – Pin 4)
(Pin 2 & Pin 3 short)
Output Voltage : (Pin 5 – 6 & Pin 7 – 8)
TL48E & TL48U Series
E TYPE
U TYPE
#1
#20
#17
#14
Bottom View
#17
#20
#23
#14
PRI 2
#12
#4
#9
PRI 1
SEC 2
SEC 1
#23
#4
#9
#12
#1
#3
#8
#6
#5
Bottom View
#6
#8
#7
#5
PRI 2
#1
#4
#2
PRI 1
SEC 2
SEC 1
#7
#4
#2
#1
#3
Input Voltage : 115V/60Hz (at Pin 1 – Pin 4)
(Pin 1 & Pin 12 short, Pin 4 & Pin 9 short)
230V/50Hz (at Pin 1 – Pin 9)
(Pin 4 & Pin 12 short)
Output Voltage : (Pin 14 – 17 & Pin 20 – 23)
Input Voltage : 115V/60Hz (at Pin 1 – Pin 2)
(Pin 1 & Pin 3 short, Pin 2 & Pin 4 short)
230V/50Hz (at Pin 1 – Pin 4)
(Pin 2 & Pin 3 short)
Output Voltage : (Pin 5 – 6 & Pin 7 – 8)
DB LECTRO Inc.
3600 boul. Matte suite i Brossarc Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Podobny numer części - TL39X-021-0571

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL391B TI1-TL391B Datasheet
995Kb / 21P
[Old version datasheet]   TL331B, TL391B and TL331 Single Comparators
TL391B TI-TL391B Datasheet
1Mb / 27P
[Old version datasheet]   TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
TL391B-Q1 TI-TL391B-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
TL391BIDBVR TI1-TL391BIDBVR Datasheet
995Kb / 21P
[Old version datasheet]   TL331B, TL391B and TL331 Single Comparators
TL391BQDBVRQ1 TI-TL391BQDBVRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
More results

Podobny opis - TL39X-021-0571

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
D2088 ETC2-D2088 Datasheet
226Kb / 2P
   4VA LOW PROFILE ENCAPSULATED TRANSFORMER
logo
DB Lectro Inc
TL30S-060-100 DBLECTRO-TL30S-060-100 Datasheet
398Kb / 7P
   STANDARD ENCAPSULATED TRANSFORMER
logo
TRIAD MAGNETICS
MET-05-T TRIAD-MET-05-T Datasheet
141Kb / 1P
   Audio Coupling Miniature Encapsulated Transformer
logo
List of Unclassifed Man...
TL1220 ETC-TL1220 Datasheet
100Kb / 1P
   LOW PROFILE HYBRID TRANSFORMER
logo
Allied Components Inter...
TLP24-250 ALLIED-TLP24-250 Datasheet
2Mb / 1P
   Low Profile Power Transformer
logo
Wabash Transformer Inc.
UI-25-10 WABASH-UI-25-10 Datasheet
704Kb / 2P
   Low Profile Power Transformer
logo
Rhombus Industries Inc.
T-31008 RHOMBUS-IND-T-31008 Datasheet
28Kb / 1P
   Low Profile Coupling Transformer
logo
Allied Components Inter...
TDBS24-1250 ALLIED-TDBS24-1250 Datasheet
720Kb / 1P
   Low Profile Power Transformer
logo
ETAL Group
P1165 ETAL-P1165 Datasheet
128Kb / 7P
   LOW PROFILE LINE MATCHING TRANSFORMER
P3065 ETAL-P3065 Datasheet
128Kb / 5P
   LOW PROFILE LINE MATCHING TRANSFORMER
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com