Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAS-D20TA2 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części CAS-D20TA2
Szczegółowy opis  SLIDE SWITCHES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

CAS-D20TA2 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  CAS-D20TA2 Datasheet HTML 1Page - List of Unclassifed Manufacturers CAS-D20TA2 Datasheet HTML 2Page - List of Unclassifed Manufacturers CAS-D20TA2 Datasheet HTML 3Page - List of Unclassifed Manufacturers CAS-D20TA2 Datasheet HTML 4Page - List of Unclassifed Manufacturers CAS-D20TA2 Datasheet HTML 5Page - List of Unclassifed Manufacturers CAS-D20TA2 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
COPAL ELECTRONICS
COPAL ELECTRONICS
s Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
SLIDE SWITCHES
CAS
SURFACE MOUNT TYPE
❈ Please refer to the LIST OF PART NUMBERS when placing orders.
q Compatible with most automatic pick & place machinery
q Compact and space saving SMD type
q Excellent contact stability by twin Au-plated contact
q Low profile design of 2.5 mm
s FEATURES
INTERNAL STRUCTURE
Part name
1
2
3
4
5
6
Cover
Slider
Housing
Slider contact
Fixed contact
Terminal pin
Material
Flammability
UL-94V-0
PPS (Polyphenylenesulphide)
Nylon
PPS (Polyphenylenesulphide)
Copper alloy, Gold-plated
CFCs, Halon, Carbon tetrachloride and designated bromic flame
retardant PBBOs and PBBs are not used in our products.
s PART NUMBER DESIGNATION
C A S - 1 2 0 T B 1
Series name
No. of poles
1 : 1 pole
2 : 2 poles
D : Dual (2 separate sliders)
No. of contacts
2 : 2 contacts
Setting position
0 : Top setting
Structure
1 : Non-washing type (Seal tape is nothing)
2 : Non-washing type (Seal tape is provided)
Blank : Washable type (Seal tape is provided)
Shape of terminal
A : J-hook
B : Gull wing
Form of packaging
T : Taping (Reel)
Blank : Bulk in vinyl bags
1
2
3
4
6
5


Podobny numer części - CAS-D20TA2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Copal Electronics
CAS-D20TA2 COPAL-CAS-D20TA2 Datasheet
961Kb / 6P
   SLIDE SWITCHES
More results

Podobny opis - CAS-D20TA2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
   SLIDE SWITCHES
EG1300 E-SWITCH-EG1300 Datasheet
104Kb / 1P
   SLIDE SWITCHES
logo
C&K Components
S101031SS03DQE CK-COMPONENTS-S101031SS03DQE Datasheet
309Kb / 5P
   Slide Switches
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com