Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74F544 Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74F544
Szczegółowy opis  Octal registered transceiver, non-inverting 3-State
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F544 Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74F544 Datasheet HTML 6Page - NXP Semiconductors 74F544 Datasheet HTML 7Page - NXP Semiconductors 74F544 Datasheet HTML 8Page - NXP Semiconductors 74F544 Datasheet HTML 9Page - NXP Semiconductors 74F544 Datasheet HTML 10Page - NXP Semiconductors 74F544 Datasheet HTML 11Page - NXP Semiconductors 74F544 Datasheet HTML 12Page - NXP Semiconductors 74F544 Datasheet HTML 13Page - NXP Semiconductors 74F544 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Philips Semiconductors
Product specification
74F543, 74F544
Octal registered transceivers
1994 Dec 5
10
AC WAVEFORMS
VM = 1.5V
The shaded areas indicate when the input is permitted to change for predictable output performance.
VM
VM
VM
VM
tPLH
tPHL
VIN
VOUT
SF00245
Waveform 1.
Propagation Delay for Inverting Outputs
VM
VM
VM
VM
tPHL
tPLH
VIN
VOUT
SF00246
Waveform 2.
Propagation Delay for Non-Inverting Outputs
VM
VM
VM
VM
th(L)
th(H)
tw(L)
VM
VM
ts(H)
ts(L)
An
Bn
An
Bn
LEAB, LEBA
EAB, EBA
SF00247
Waveform 3.
Data Setup Time and Hold Times, and Latch
Enable Pulse Width
VM
VM
VM
tPHZ
tPZH
VOH -0.3V
0V
An, Bn
An, Bn
OEAB, OEBA
EAB, EBA
SF00248
Waveform 4.
3-State Output Enable Time to High Level and
Output Disable Time from High Level
VM
VM
VM
tPLZ
tPZL
VOL +0.3V
An, Bn
An, Bn
OEAB, OEBA
EAB, EBA
SF00249
Waveform 5.
3-State Output Enable Time to Low Level and
Output Disable Time from Low Level


Podobny numer części - 74F544

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
74F544 NSC-74F544 Datasheet
186Kb / 10P
   Octal Registered Transceiver
logo
Fairchild Semiconductor
74F544 FAIRCHILD-74F544 Datasheet
57Kb / 6P
   Octal Registered Transceiver
logo
National Semiconductor ...
74F544MSA NSC-74F544MSA Datasheet
186Kb / 10P
   Octal Registered Transceiver
logo
Fairchild Semiconductor
74F544MSA FAIRCHILD-74F544MSA Datasheet
57Kb / 6P
   Octal Registered Transceiver
logo
National Semiconductor ...
74F544MSAQB NSC-74F544MSAQB Datasheet
186Kb / 10P
   Octal Registered Transceiver
More results

Podobny opis - 74F544

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC74F543 MOTOROLA-MC74F543 Datasheet
79Kb / 4P
   OCTAL REGISTERED TRANSCEIVER, NON-INVERTING, 3-STATE
logo
NXP Semiconductors
74ABT2953 PHILIPS-74ABT2953 Datasheet
73Kb / 6P
   Octal registered transceiver, inverting 3-State
1995 Sep 06
logo
Motorola, Inc
MC74F544 MOTOROLA-MC74F544 Datasheet
86Kb / 4P
   OCTAL REGISTERED TRANSCEIVER, INVERTING, 3-STATE
logo
NXP Semiconductors
74F2952 PHILIPS-74F2952 Datasheet
142Kb / 14P
   Registered transceiver, non-inverting 3-State
1989 Sep 22
74LVC544A PHILIPS-74LVC544A Datasheet
90Kb / 10P
   Octal D-type registered transceiver, inverting 3-State
1998 Jul 29
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74F646 PHILIPS-74F646 Datasheet
121Kb / 16P
   Octal transceiver/register, non-inverting 3-State
1990 Sep 25
logo
Texas Instruments
CD54-74AC623 TI-CD54-74AC623 Datasheet
487Kb / 12P
[Old version datasheet]   OCTAL-BUS TRANSCEIVER,3-STATE, NON-INVERTING
logo
NXP Semiconductors
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
logo
STMicroelectronics
M54HC620 STMICROELECTRONICS-M54HC620 Datasheet
258Kb / 11P
   OCTAL BUS TRANSCEIVER HC620 3 STATE INVERTING HC623 3 STATE NON INVERTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com