Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLD-1000 Arkusz danych(PDF) 5 Page - SIRENZA MICRODEVICES

Numer części SLD-1000
Szczegółowy opis  4 Watt Discrete LDMOS FET-Bare Die
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIRENZA [SIRENZA MICRODEVICES]
Strona internetowa  
Logo SIRENZA - SIRENZA MICRODEVICES

SLD-1000 Arkusz danych(HTML) 5 Page - SIRENZA MICRODEVICES

  SLD-1000 Datasheet HTML 1Page - SIRENZA MICRODEVICES SLD-1000 Datasheet HTML 2Page - SIRENZA MICRODEVICES SLD-1000 Datasheet HTML 3Page - SIRENZA MICRODEVICES SLD-1000 Datasheet HTML 4Page - SIRENZA MICRODEVICES SLD-1000 Datasheet HTML 5Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SLD-1000 10-2700 MHz 4 Watt LDMOS FET - Bare Die
303 S. Technology Court
Phone: (800) SMI-MMIC
http://www.sirenza.com
Broomfield, CO 80021
5
EDS-104291 Rev C
Die Map
0.030 [0.76]
GATE
DRAIN
SOURCE - BACKSIDE CONTACT - NOT SHOWN
DIE THICKNESS - 0.004 [0.10]
Dimensions Inches [mm]
AuSi, AuSn, or AuGe eutectic die attach is recommended. AlSi bond wires are recommended.
Part Number Ordering Information
Die are screened prior to dicing to DC parameters and
are shipped per Sirenza application note AN-039
Visual Criteria of Unpackaged Die.
Part Number
Gel Pack
SLD-1000
100 pcs. per pack


Podobny numer części - SLD-1000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SIRENZA MICRODEVICES
SLD-1026Z SIRENZA-SLD-1026Z Datasheet
822Kb / 21P
   3 Watt Discrete LDMOS Device Plastic Surface Mount Package
logo
List of Unclassifed Man...
SLD-1083CZ ETC1-SLD-1083CZ Datasheet
218Kb / 5P
   4 Watt Discrete LDMOS FET in Ceramic Package
logo
SIRENZA MICRODEVICES
SLD-1083CZ SIRENZA-SLD-1083CZ Datasheet
220Kb / 5P
   4 Watt Discrete LDMOS FET in Ceramic Package
More results

Podobny opis - SLD-1000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SIRENZA MICRODEVICES
SLD-2000 SIRENZA-SLD-2000 Datasheet
474Kb / 5P
   12 Watt Discrete LDMOS FET-Bare Die
logo
List of Unclassifed Man...
SLD-1083CZ ETC1-SLD-1083CZ Datasheet
218Kb / 5P
   4 Watt Discrete LDMOS FET in Ceramic Package
logo
SIRENZA MICRODEVICES
SLD-1083CZ SIRENZA-SLD-1083CZ Datasheet
220Kb / 5P
   4 Watt Discrete LDMOS FET in Ceramic Package
SLD-2083CZ SIRENZA-SLD-2083CZ Datasheet
278Kb / 6P
   12 Watt Discrete LDMOS FET in Ceramic Package
SLD-3091FZ SIRENZA-SLD-3091FZ Datasheet
356Kb / 8P
   30 Watt Discrete LDMOS FET in Ceramic Flanged Package
SLD-1026Z SIRENZA-SLD-1026Z Datasheet
822Kb / 21P
   3 Watt Discrete LDMOS Device Plastic Surface Mount Package
logo
List of Unclassifed Man...
0809LD60P ETC1-0809LD60P Datasheet
15Kb / 1P
   60 WATT, 28V, 1 GHz LDMOS FET
0809LD30 ETC1-0809LD30 Datasheet
16Kb / 1P
   30 WATT, 28V, 1 GHz LDMOS FET
0809LD30P ETC1-0809LD30P Datasheet
15Kb / 1P
   30 WATT, 28V, 1 GHz LDMOS FET
0809LD60 ETC1-0809LD60 Datasheet
16Kb / 1P
   60 WATT, 28V, 1 GHz LDMOS FET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com