Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74F711A Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74F711A
Szczegółowy opis  consist of five 2-to-1 multiplexers designedfor address multiplexing of dynamic RAMs and other multiplexing applicationThe outputs source 15mA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F711A Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74F711A Datasheet HTML 1Page - NXP Semiconductors 74F711A Datasheet HTML 2Page - NXP Semiconductors 74F711A Datasheet HTML 3Page - NXP Semiconductors 74F711A Datasheet HTML 4Page - NXP Semiconductors 74F711A Datasheet HTML 5Page - NXP Semiconductors 74F711A Datasheet HTML 6Page - NXP Semiconductors 74F711A Datasheet HTML 7Page - NXP Semiconductors 74F711A Datasheet HTML 8Page - NXP Semiconductors 74F711A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Philips Semiconductors
Product specification
74F711A/74F711–1/
74F712A/74F712–1
Multiplexers
1990 Dec 13
3
PIN CONFIGURATION – 74F711A/74F711-1
D1a
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
D1b
D2a
D2b
VCC
D3a
D3b
D4a
D4b
OE
D0a
D0b
Q0
Q1
GND
Q2
Q3
Q4
S
INV
SF01215
PIN CONFIGURATION – 74F712A/74F712-1
24
23
22
21
20
19
18
17
16
15
14
13
12
10
11
9
8
7
6
5
4
3
2
1
D0a
D1a
D2a
D3a
VCC
D1b
D2b
D3b
D4b
D4c
S0
S1
Q0
Q1
GND
Q3
Q4
D0c
D1c
Q2
D2c
D3c
D4a
D0b
SF01216
LOGIC SYMBOL – 74F711A/74F711-1
10
S
OE
D0a D0b D1a D1b D2a D2b D3a
Q1
Q0
1
2
20
19
18
17
15
14
13
12
36
Q2
Q3
47
D3b
INV
9
11
VCC = Pin 16
GND = Pin 5
D4a D4b
Q4
8
SF01217
LOGIC SYMBOL – 74F712A/74F712-1
VCC = Pin 19
GND = Pin 6
2
S0
S1
D0a D0b
D1a D1b
D2a D2b
D3a
Q1
Q0
24
18
9
23
17
10
22
16
11
21
35
Q2
Q3
47
D3b
1
D4a D4b
Q4
8
D0c
D1c
D2c
D3c
15
12
20
14
13
D4c
SF01218
LOGIC SYMBOL (IEEE/IEC) – 74F711A/74F711-1
SF01219
MUX
G
EN1
1
11
10
2
20
19
17
15
14
1
12
13
M
3
4
6
8
7
18
1
LOGIC SYMBOL (IEEE/IEC) – 74F712A/74F712-1
SF01220
MUX
G1
G2
1
2
18
9
23
17
10
22
24
11
16
3
4
5
8
7
15
12
20
14
13
21


Podobny numer części - 74F711A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74F723-1 PHILIPS-74F723-1 Datasheet
104Kb / 14P
   Quad 2-to-1 data selector multiplexer 3-State
1990 Dec 13
74F723A PHILIPS-74F723A Datasheet
104Kb / 14P
   Quad 2-to-1 data selector multiplexer 3-State
1990 Dec 13
74F725-1 PHILIPS-74F725-1 Datasheet
104Kb / 14P
   Quad 2-to-1 data selector multiplexer 3-State
1990 Dec 13
74F725A PHILIPS-74F725A Datasheet
104Kb / 14P
   Quad 2-to-1 data selector multiplexer 3-State
1990 Dec 13
logo
National Semiconductor ...
74F74 NSC-74F74 Datasheet
159Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
More results

Podobny opis - 74F711A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL59448 INTERSIL-ISL59448 Datasheet
676Kb / 14P
   500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59448 RENESAS-ISL59448 Datasheet
848Kb / 14P
   500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
ISL59446 RENESAS-ISL59446 Datasheet
909Kb / 14P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
logo
Intersil Corporation
ISL59446 INTERSIL-ISL59446 Datasheet
766Kb / 13P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
logo
Intel Corporation
3242 INTEL-3242 Datasheet
248Kb / 4P
   ADDRESS MULTIPLEXER AND REFRESH COUNTER FOR 16K DYNAMIC RAMS
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
   865MHz Multiplexing Amplifier
logo
NXP Semiconductors
CBTL06DP212 PHILIPS-CBTL06DP212 Datasheet
120Kb / 19P
   CBTL06DP212 provides an additional level of multiplexing of AUX and DDC signals delivering true flexibility and choice.
Rev. 2-3 November 2011
logo
Texas Instruments
SN54ALS157A TI-SN54ALS157A Datasheet
556Kb / 18P
[Old version datasheet]   QUADRUPLE 1-OF-2 DATA SELECTORS/MULTIPLEXERS
logo
Intersil Corporation
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com