Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74F712A Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części 74F712A
Szczegółowy opis  consist of five 2-to-1 multiplexers designedfor address multiplexing of dynamic RAMs and other multiplexing applicationThe outputs source 15mA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F712A Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button 74F712A Datasheet HTML 5Page - NXP Semiconductors 74F712A Datasheet HTML 6Page - NXP Semiconductors 74F712A Datasheet HTML 7Page - NXP Semiconductors 74F712A Datasheet HTML 8Page - NXP Semiconductors 74F712A Datasheet HTML 9Page - NXP Semiconductors 74F712A Datasheet HTML 10Page - NXP Semiconductors 74F712A Datasheet HTML 11Page - NXP Semiconductors 74F712A Datasheet HTML 12Page - NXP Semiconductors 74F712A Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Philips Semiconductors
Product specification
74F711A/74F711–1/
74F712A/74F712–1
Multiplexers
1990 Dec 13
9
AC WAVEFORMS
For all waveforms, VM = 1.5V
VM
VM
VM
VM
tPHL
tPLH
Dna, Dnb,
Dnc, Sn
Qn
SF01223
Waveform 1. Propagation Delay for Non-Inverting Output
VM
VM
VM
VM
tPLH
tPHL
Qn
Dna, Dnb,
Dnc, Sn
SF01224
Waveform 2. Propagation Delay for Inverting Output
VM
VM
tPHL
tPLH
INV
Qn
SF01225
Waveform 3. Propagation Delay for INV to Output
VM
VM
VM
tPHZ
tPZH
VOH -0.3V
0V
OE
Qn
SF00343
Waveform 4. 3-State Output Enable Time to High Level and
Output Disable Time from High Level
VM
VM
VM
tPLZ
tPZL
VOL +0.3V
Qn
OE
SF00344
Waveform 5. 3-State Output Enable Time to Low
Level and Output Disable Time from Low Level


Podobny numer części - 74F712A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74F723-1 PHILIPS-74F723-1 Datasheet
104Kb / 14P
   Quad 2-to-1 data selector multiplexer 3-State
1990 Dec 13
74F723A PHILIPS-74F723A Datasheet
104Kb / 14P
   Quad 2-to-1 data selector multiplexer 3-State
1990 Dec 13
74F725-1 PHILIPS-74F725-1 Datasheet
104Kb / 14P
   Quad 2-to-1 data selector multiplexer 3-State
1990 Dec 13
74F725A PHILIPS-74F725A Datasheet
104Kb / 14P
   Quad 2-to-1 data selector multiplexer 3-State
1990 Dec 13
logo
National Semiconductor ...
74F74 NSC-74F74 Datasheet
159Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
More results

Podobny opis - 74F712A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL59448 INTERSIL-ISL59448 Datasheet
676Kb / 14P
   500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59448 RENESAS-ISL59448 Datasheet
848Kb / 14P
   500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
ISL59446 RENESAS-ISL59446 Datasheet
909Kb / 14P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
logo
Intersil Corporation
ISL59446 INTERSIL-ISL59446 Datasheet
766Kb / 13P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
logo
Intel Corporation
3242 INTEL-3242 Datasheet
248Kb / 4P
   ADDRESS MULTIPLEXER AND REFRESH COUNTER FOR 16K DYNAMIC RAMS
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
   865MHz Multiplexing Amplifier
logo
NXP Semiconductors
CBTL06DP212 PHILIPS-CBTL06DP212 Datasheet
120Kb / 19P
   CBTL06DP212 provides an additional level of multiplexing of AUX and DDC signals delivering true flexibility and choice.
Rev. 2-3 November 2011
logo
Texas Instruments
SN54ALS157A TI-SN54ALS157A Datasheet
556Kb / 18P
[Old version datasheet]   QUADRUPLE 1-OF-2 DATA SELECTORS/MULTIPLEXERS
logo
Intersil Corporation
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com