Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74F823 Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części 74F823
Szczegółowy opis  Bus interface registers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F823 Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button 74F823 Datasheet HTML 7Page - NXP Semiconductors 74F823 Datasheet HTML 8Page - NXP Semiconductors 74F823 Datasheet HTML 9Page - NXP Semiconductors 74F823 Datasheet HTML 10Page - NXP Semiconductors 74F823 Datasheet HTML 11Page - NXP Semiconductors 74F823 Datasheet HTML 12Page - NXP Semiconductors 74F823 Datasheet HTML 13Page - NXP Semiconductors 74F823 Datasheet HTML 14Page - NXP Semiconductors 74F823 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Philips Semiconductors
Product specification
74F821/822/823/824/825/826
Bus interface registers
1996 Jan 05
11
AC ELECTRICAL CHARACTERISTICS FOR 74F821/74F822/74F824/74F825/74F826
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
Tamb = +25°C
VCC = +5.0V
CL = 50pF, RL = 500Ω
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
fmax
Maximum clock frequency
Waveform 1
150
180
140
ns
tPLH
tPHL
Propagation delay
CP to Qn or Qn
74F821,
74F825, 74F826
Waveform 1
4.0
4.0
6.5
6.0
8.5
8.5
4.0
3.5
9.5
9.0
ns
tPLH
tPHL
Propagation delay
CP to Qn
74F822, 74F824
Waveform 1
4.5
4.5
6.5
6.5
9.0
9.0
4.5
4.5
10.0
9.0
ns
tPHL
Propagation delay
MR to Qn or Qn
74F824
74F825, 74F826
Waveform 2
3.0
5.0
8.0
3.0
8.0
ns
tPZH
tPZL
Output enable time
OEn to Qn or Qn
Waveform 4
Waveform 5
2.0
3.0
4.5
5.0
8.0
8.0
2.0
2.5
9.0
9.0
ns
tPHZ
tPLZ
Output disable time
OEn to Qn or Qn
Waveform 4
Waveform 5
1.5
1.5
3.5
3.5
6.5
6.5
1.5
1.5
7.5
7.5
ns
AC SETUP REQUIREMENTS FOR 74F821/74F822/74F824/74F825/74F826
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
Tamb = +25°C
VCC = +5.0V
CL = 50pF, RL = 500Ω
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
tsu (H)
tsu (L)
Setup time, high or low
Dn to CP
Waveform 3
1.0
1.0
1.0
1.0
ns
th (H)
th (L)
Hold time, high or low
Dn to CP
Waveform 3
2.0
2.0
2.0
2.0
ns
tw (H)
tw (L)
CP Pulse width,
high or low
Waveform 1
3.5
3.5
4.0
4.0
ns
tsu (H)
tsu (L)
Setup time, high or low,
CE to CP
Waveform 3
0.0
2.0
0.0
2.0
ns
th (H)
th (L)
Hold time, high or low
CE to CP
74F824, 74F825,
74F826
Waveform 3
0.0
3.0
0.0
3.5
ns
tw (L)
MR Pulse width, low
74F826
Waveform 2
4.5
4.5
ns
trec
Recovery time, MR to CP
Waveform 2
2.5
2.5
ns


Podobny numer części - 74F823

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
74F823 NSC-74F823 Datasheet
158Kb / 8P
   9-Bit D-Type Flip-Flop
logo
Fairchild Semiconductor
74F823 FAIRCHILD-74F823 Datasheet
52Kb / 6P
   9-Bit D-Type Flip-Flop
74F823 FAIRCHILD-74F823 Datasheet
62Kb / 6P
   9-Bit D-Type Flip-Flop
logo
National Semiconductor ...
74F823SC NSC-74F823SC Datasheet
158Kb / 8P
   9-Bit D-Type Flip-Flop
logo
Fairchild Semiconductor
74F823SC FAIRCHILD-74F823SC Datasheet
52Kb / 6P
   9-Bit D-Type Flip-Flop
More results

Podobny opis - 74F823

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pericom Semiconductor C...
PI74FCT821T PERICOM-PI74FCT821T Datasheet
85Kb / 7P
   Fast CMOS Bus Interface Registers
logo
Integrated Device Techn...
IDT74FCT821A IDT-IDT74FCT821A Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT821AT IDT-IDT74FCT821AT Datasheet
178Kb / 9P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
logo
List of Unclassifed Man...
WS59820 ETC1-WS59820 Datasheet
574Kb / 9P
   CMOS / BI - DIRECTIONAL BUS INTERFACE REGISTERS
logo
Texas Instruments
CY74FCT821T TI-CY74FCT821T Datasheet
86Kb / 10P
[Old version datasheet]   8-/9-/10-Bit Bus Interface Registers
CD74FCT651 TI1-CD74FCT651 Datasheet
181Kb / 11P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal Bus Transceivers/Registers, Three-State
CD54AC646 TI1-CD54AC646_15 Datasheet
909Kb / 14P
[Old version datasheet]   Octal-Bus Transceiver/Registers
SN54LS646 TI-SN54LS646 Datasheet
440Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS651 TI-SN54LS651_07 Datasheet
457Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS846 TI1-SN54LS846_15 Datasheet
985Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com