Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES-4A-T2CQ-A5S Arkusz danych(PDF) 5 Page - DB Lectro Inc

Numer części ES-4A-T2CQ-A5S
Szczegółowy opis  Sealed Sub-Miniature Toggle Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DBLECTRO [DB Lectro Inc]
Strona internetowa  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

ES-4A-T2CQ-A5S Arkusz danych(HTML) 5 Page - DB Lectro Inc

  ES-4A-T2CQ-A5S Datasheet HTML 1Page - DB Lectro Inc ES-4A-T2CQ-A5S Datasheet HTML 2Page - DB Lectro Inc ES-4A-T2CQ-A5S Datasheet HTML 3Page - DB Lectro Inc ES-4A-T2CQ-A5S Datasheet HTML 4Page - DB Lectro Inc ES-4A-T2CQ-A5S Datasheet HTML 5Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ES40-T
Sealed SMT Sub-Miniature Toggle Switches
CODE
CONTACT MATERIAL
TERMINAL MATERIAL
RATING
Q
R
G
K
Silver plated
Gold plated over nickel plated
Gold plated over silver plated
Gold plated over nickel plated
Silver plated
Gold plated over nickel plated
Gold plated over silver plated
Tin-lead over nickel plated
THE P.C.B MOUNTING
Actuator Option
The N termial type
CONTACT MATERIAL OPTIONS
0.4VA MAX @ 20 V AC or DC MAX
3 A @ 120V AC or 28 V DC; 1.5 A @ 250 VAC
0.4 VA MAX @ 20 V AC or DC MAX or
3 A @ 120V AC or 28 V DC; 1.5 A @ 250 VAC
0.4VA MAX @ 20 V AC or DC MAX
THE K option is only for the terminal "N/ M"
Model
No.
Switching position
Term. Comm.
ES-3H
ES-3B
ES-3A
ES-3
ON
ON
ON
(ON)
ON
ON
ON
(ON)
(ON)
(ON)
none
OFF
None
OFF
OFF
2-3
2-1
open
ES-3I
Model
No.
Switching position
Term. Comm.
ES-3H
ES-3B
ES-3A
ES-3
ON
ON
ON
(ON)
ON
ON
ON
(ON)
(ON)
(ON)
none
OFF
None
OFF
OFF
2-3
2-1
open
ES-3I
ES-3 - T2R
ES-3 - T2 MK
4.11
.162
.410
10.40
.320
8.13
2.52
.100
.240
6.10
.030
0.76
.100
2.54
EPOXY SEAL
.020
0.51
0.62
.020
.200
5.08
.320
8.13
.100 DIA
ø2.52
.40
10.16
.550
13.97
.100 DIA
2.52ø
T1
T4
ES-3-TX-R
ES-3-TX-MK
ES-3-TX-NK
code
description
P2
black(std.)
P21
white
.100 DIA
ø2.52
.240
6.10
T2
.320
8.13
.100 DIA
ø2.52
T3
.140
3.50
.100 DIA
2.52ø
T5
.100 DIA
ø2.52
.240
6.10
P2 PLASTIC TOGGLE (NEW)
Meterial Nylon 4/6 (UL 94V-0),black std.
Static resistance:9,000V DC min. @sea
level , actuator to terminals
1
2
3
Comm
1
2
3
Comm
25
A
EPOXY SEAL
.083
2.10
.150
3.81
.320
8.13
.100
2.54
.240
6.10
.162
4.11
.200
5.08
.100
2.54
without positioning pings
ES-3-T2NK
.019
0.50
.039
1.00
.080
2.03
.140
3.56
.090
7.62
.150
3.81
.040
1.02
.300
2.29
.080
2.03
.039 dia
1.00ø
.271
6.90
.150
3.81
.100
2.54
.313
7.96
.031
0.80
.082
2.10
.070
1.80
.100
2.54
.031
0.80
.082
2.10
.313
7.96
.271
6.90
.070
1.80
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714
DB LECTRO Inc.


Podobny numer części - ES-4A-T2CQ-A5S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Baumer IVO GmbH & Co. K...
ES-4AN5L IVO-ES-4AN5L Datasheet
799Kb / 20P
   Accessories photoelectric sensors
ES-4AP5L IVO-ES-4AP5L Datasheet
799Kb / 20P
   Accessories photoelectric sensors
More results

Podobny opis - ES-4A-T2CQ-A5S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
GREATECS
STS1A2B1MTAGER GREATECS-STS1A2B1MTAGER Datasheet
175Kb / 1P
   Sub-Miniature Sealed SMT Toggle Switches
TK41 GREATECS-TK41 Datasheet
176Kb / 3P
   Sealed Sub-Miniature SPDT Toggle Switches
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
logo
ITT Industries
E101MD1ABE ITT-E101MD1ABE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
logo
Grayhill, Inc
34BWSP12B4M2RT GRAYHILL-34BWSP12B4M2RT Datasheet
185Kb / 4P
   Sealed Miniature Toggle Switches
logo
C&K Components
E107MD1AV2BE CK-COMPONENTS-E107MD1AV2BE Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E105SD1CBE CK-COMPONENTS-E105SD1CBE Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
logo
GREATECS
TK21 GREATECS-TK21 Datasheet
231Kb / 4P
   Sealed Miniature SPDT Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A Datasheet
290Kb / 4P
   PROCESS SEALED MINIATURE TOGGLE SWITCHES
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com