Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES-4A-P2CQ-A5S Arkusz danych(PDF) 2 Page - DB Lectro Inc

Numer części ES-4A-P2CQ-A5S
Szczegółowy opis  Sealed Sub-Miniature Toggle Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DBLECTRO [DB Lectro Inc]
Strona internetowa  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

ES-4A-P2CQ-A5S Arkusz danych(HTML) 2 Page - DB Lectro Inc

  ES-4A-P2CQ-A5S Datasheet HTML 1Page - DB Lectro Inc ES-4A-P2CQ-A5S Datasheet HTML 2Page - DB Lectro Inc ES-4A-P2CQ-A5S Datasheet HTML 3Page - DB Lectro Inc ES-4A-P2CQ-A5S Datasheet HTML 4Page - DB Lectro Inc ES-4A-P2CQ-A5S Datasheet HTML 5Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ES40-T
Sealed Sub-Miniature Toggle Switches
SPDT
DPDT
SPDT
DPDT
DPDT
SPDT
ES-4- T1CR
ES-5- T1CR
ES-6 - T2R-S
ES-7- T2R-S
ES-8 - T2R-S
ES-9- T2R-S
Model
No.
Switching position
Term. Comm.
ES-4H
ES-4B
ES-4A
ES-4
ON
ON
ON
(ON)
ON
ON
ON
(ON)
(ON)
(ON)
none
OFF
None
OFF
OFF
2-3
2-1
open
ES-4I
Term. Comm.
Model
No.
Switching position
ES-5H
ES-5B
ES-5A
ES-5
ON
ON
ON
(ON)
ON
ON
ON
(ON)
(ON)
(ON)
none
OFF
None
OFF
OFF
2-3,5-6
2-1,5-4
open
ES-5I
Term. Comm.
Model
No.
Switching position
ES-7H
ES-7B
ES-7A
ES-7
ON
ON
ON
(ON)
ON
ON
ON
(ON)
(ON)
(ON)
none
OFF
None
OFF
OFF
2-3,5-6
2-1,5-4
open
ES-7I
Term. Comm.
Model
No.
Switching position
ES-8H
ES-8B
ES-8A
ES-8
ON
ON
ON
(ON)
ON
ON
ON
(ON)
(ON)
(ON)
none
OFF
None
OFF
OFF
2-3
2-1
open
ES-8I
Term. Comm.
Model
No.
Switching position
ES-9H
ES-9B
ES-9A
ES-9
ON
ON
ON
(ON)
ON
ON
ON
(ON)
(ON)
(ON)
none
OFF
None
OFF
OFF
2-3,5-6
2-1,5-4
open
ES-9I
.180 DIA.
4.57
POS 2
POS 3
POS 1
10.16
.400
4.50
.177
2.54 ø
.100 DIA.
25
EPOXY SEAL
.020 TYP.
.100 TYP.
2.54
0.51
13.39
.527
.130
3.30
3
2
1
.320
8.13
WIDTH
TERM.
.030 TYP.
0.76
2
3
1
.200
5.08
.180 DIA.
4.57
6
5
4
2.54 ø
10.16
.100 DIA.
POS 1
POS 2
POS 3
25
.400
4.50
.177
13.39
.527
8.13
.100 TYP.
2.54
.130
3.30
EPOXY SEAL
.020 TYP.
0.51
.320
WIDTH
TERM.
.030 TYP.
0.76
4
1
5.08
5
6
.360
.200
9.14
2
3
1
2
3
Comm
1
2
3
Comm
4
5
6
Comm
1
2
3
Comm
1
2
3
Comm
4
5
6
Comm
1
2
3
Comm
1
2
3
Comm
4
5
6
Comm
Model
No.
Switching position
ES-6H
ES-6B
ES-6A
ES-6
ON
ON
ON
(ON)
ON
ON
ON
(ON)
(ON)
(ON)
none
OFF
None
OFF
OFF
2-3
2-1
open
ES-6I
Term. Comm.
22
A
.200
5.08
.020 TYP.
.020
.030
0.76
straight type
.030 TYP.
0.76
4.19
.165
5.08
.200
0.38
.015
2
5.08
.200
3.30
.130
0.51
1
5.08
.200
3
0.51
.240
6.10
.162
4.11
.320
8.13
EPOXY SEAL
5.08
.200
9.14
0.76
.030
2.54
.100
.200
5.08
straight type
.030 TYP.
0.76
4.19
.015
0.38
.165
2
5.08
.200
.130
3.30
1
.020 TYP.
0.51
3
EPOXY SEAL
6.10
.240
.162
4.11
.320
8.13
.020
0.51
.360
4
6
5
13.46
2
0.38
.100
2.54
0.51
.020
straight type
.200
5.08
4.19
.165
1
.030 TYP.
0.76
.030
0.76
.230
5.84
.240
6.10
.162
POS 3
POS 2
POS 1
4.11
.015
3
.530
3.30
.130
8.13
.320
EPOXY SEAL
3
1
2
.398
10.11
straight type
.200 TYP
5.08
.200
5.08
.100
2.54
.030 TYP.
0.76
.162
4.11
POS 1
POS 3
POS 2
.015
0.38
.165
4.19
5
4
.240
6.10
3.30
4
13.46
.530
0.51
.020
6
EPOXY SEAL
.130
.320
8.13
6
5
1
3
2
DB LECTRO Inc.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


Podobny numer części - ES-4A-P2CQ-A5S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Baumer IVO GmbH & Co. K...
ES-4AN5L IVO-ES-4AN5L Datasheet
799Kb / 20P
   Accessories photoelectric sensors
ES-4AP5L IVO-ES-4AP5L Datasheet
799Kb / 20P
   Accessories photoelectric sensors
More results

Podobny opis - ES-4A-P2CQ-A5S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
GREATECS
STS1A2B1MTAGER GREATECS-STS1A2B1MTAGER Datasheet
175Kb / 1P
   Sub-Miniature Sealed SMT Toggle Switches
TK41 GREATECS-TK41 Datasheet
176Kb / 3P
   Sealed Sub-Miniature SPDT Toggle Switches
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
logo
ITT Industries
E101MD1ABE ITT-E101MD1ABE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
logo
Grayhill, Inc
34BWSP12B4M2RT GRAYHILL-34BWSP12B4M2RT Datasheet
185Kb / 4P
   Sealed Miniature Toggle Switches
logo
C&K Components
E107MD1AV2BE CK-COMPONENTS-E107MD1AV2BE Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E105SD1CBE CK-COMPONENTS-E105SD1CBE Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
logo
GREATECS
TK21 GREATECS-TK21 Datasheet
231Kb / 4P
   Sealed Miniature SPDT Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A Datasheet
290Kb / 4P
   PROCESS SEALED MINIATURE TOGGLE SWITCHES
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com