Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES-22-CV-8-FPCQ-A5S Arkusz danych(PDF) 4 Page - DB Lectro Inc

Numer części ES-22-CV-8-FPCQ-A5S
Szczegółowy opis  Sealed Sub-Miniature Push button Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DBLECTRO [DB Lectro Inc]
Strona internetowa  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

ES-22-CV-8-FPCQ-A5S Arkusz danych(HTML) 4 Page - DB Lectro Inc

  ES-22-CV-8-FPCQ-A5S Datasheet HTML 1Page - DB Lectro Inc ES-22-CV-8-FPCQ-A5S Datasheet HTML 2Page - DB Lectro Inc ES-22-CV-8-FPCQ-A5S Datasheet HTML 3Page - DB Lectro Inc ES-22-CV-8-FPCQ-A5S Datasheet HTML 4Page - DB Lectro Inc ES-22-CV-8-FPCQ-A5S Datasheet HTML 5Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ES40-P
Sealed SMT Sub-Miniature Push button Switches
(A)
ES
C V
R
2 0
SPECIFICATIONS
MATERIALS
16
D
Switches Function
Cap
Cap color
FEATURES:
How do you modify the switches you need!!
1
Plunger
CV
CV1
5.08
7.62
1 white
2 black
3 red
4 orange
5 yellow
6 green
7 blue
8 brown
9 gray
(none) std.
FP
flush type
1. Sealed construction - internal actuator o-ring and epoxy terminal seal standard
2. Carry the IP67 approvals
3. Surface mounting (SMT)
4. Tape and Reel package
CONTACT RATING:R- 0.4 VA max @ 20 V AC or DC
ELECTRICAL LIFE:30,000 make-and-break cycles at full load
CONTACT RESISTANCE: 20 m max. initial @2-4 VDC,100 mA
INSULATION RESISTANCE: 1,000 M min.
DIELECTRIC STRENGTH: 1,500 V RMS @ sea level.
DEGREE OF PROTECTION : IP67
OPERATING TEMPERATURE: -30 Cto85
C
Contact Material
ES-20
ES-20A
ES-26
ES-26A
ES-27
ES-27A
SPST off-mom. Sideward terminal
SPDT on-mom. Sideward terminal
SPST off-mom. Backward terminal
SPDT on-mom. Backward terminal
SPST off-mom. Backward terminal
SPDT on-mom. Backward terminal
Q silver plated
R gold plated
G gold over silver
K gold / tin-lead
IP67
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714
DB LECTRO Inc.


Podobny numer części - ES-22-CV-8-FPCQ-A5S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Baumer IVO GmbH & Co. K...
ES-22 IVO-ES-22 Datasheet
799Kb / 20P
   Accessories photoelectric sensors
logo
Advantech Co., Ltd.
ES-2206 ADVANTECH-ES-2206 Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
ES-2206 ADVANTECH-ES-2206 Datasheet
78Kb / 2P
   6.5" Open Frame and Rugged Panel Mount Monitor
ES-2206C-VVA-SRE ADVANTECH-ES-2206C-VVA-SRE Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
ES-2206R-VVAE ADVANTECH-ES-2206R-VVAE Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
More results

Podobny opis - ES-22-CV-8-FPCQ-A5S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TOCOSAMERICA, INC.
3T106D TOCOS-3T106D Datasheet
3Mb / 8P
   Miniature Toggle and Push Button Switches
logo
DB Lectro Inc
ES40-R DBLECTRO-ES40-R Datasheet
271Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
Grayhill, Inc
47DWMSP1R2M6RT GRAYHILL-47DWMSP1R2M6RT Datasheet
146Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
E-SWITCH
800B E-SWITCH-800B Datasheet
189Kb / 1P
   SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
E-SWITCH
800A E-SWITCH-800A Datasheet
142Kb / 2P
   SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
logo
GREATECS
PB4 GREATECS-PB4 Datasheet
1Mb / 2P
   Sealed Sub-Miniature Pushbutton Switches
RK16 GREATECS-RK16 Datasheet
328Kb / 2P
   Sealed Sub-Miniature Rocker Switches
logo
List of Unclassifed Man...
D16-LMT1-2AB ETC-D16-LMT1-2AB Datasheet
166Kb / 4P
   Push Button Switches
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com