Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC1G00 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 74HC1G00
Szczegółowy opis  2-input NAND gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC1G00 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  74HC1G00 Datasheet HTML 1Page - NXP Semiconductors 74HC1G00 Datasheet HTML 2Page - NXP Semiconductors 74HC1G00 Datasheet HTML 3Page - NXP Semiconductors 74HC1G00 Datasheet HTML 4Page - NXP Semiconductors 74HC1G00 Datasheet HTML 5Page - NXP Semiconductors 74HC1G00 Datasheet HTML 6Page - NXP Semiconductors 74HC1G00 Datasheet HTML 7Page - NXP Semiconductors 74HC1G00 Datasheet HTML 8Page - NXP Semiconductors 74HC1G00 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2002 May 15
4
Philips Semiconductors
Product specification
2-input NAND gate
74HC1G00; 74HCT1G00
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V);
see note 1 and 2.
Notes
1. Stresses beyond those listed may cause permanent damage to the device. These are stress rating only and
functional operation of the device at these or any other conditions beyond those under ‘recommended operating
conditions’ is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device
reliability.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
3. Above 55
°C the value of P
D derates linearly with 2.5 mW/K.
SYMBOL
PARAMETER
CONDITIONS
74HC1G
74HCT1G
UNIT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
VCC
supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
input voltage
0
VCC
0
VCC
V
VO
output voltage
0
VCC
0
VCC
V
Tamb
operating ambient
temperature
see DC and AC
characteristics per
device
−40
+25
+125
−40
+25
+125
°C
tr,tf
input rise and fall times
VCC = 2.0 V
−−
1000
−−−
ns
VCC = 4.5 V
−−
500
−−
500
ns
VCC = 6.0 V
−−
400
−−−
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.5
+7.0
V
IIK
input diode current
VI <−0.5 V or VI > VCC + 0.5 V
−±20
mA
IOK
output diode current
VO <−0.5 V or VO > VCC + 0.5 V
−±20
mA
IO
output source or sink current
−0.5 V < VO < VCC + 0.5 V
−±12.5 mA
ICC
VCC or GND current
−±25
mA
Tstg
storage temperature
−65
+150
°C
PD
power dissipation per package
for temperature range from
−40 to +125 °C;
note 3
200
mW


Podobny numer części - 74HC1G00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC1G00 NXP-74HC1G00 Datasheet
75Kb / 10P
   2-input NAND gate
Rev. 04-11 July 2007
logo
Nexperia B.V. All right...
74HC1G00 NEXPERIA-74HC1G00 Datasheet
206Kb / 10P
   2-input NAND gate
Rev. 6 - 21 January 2022
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
677Kb / 12P
   2-input NAND gate
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
205Kb / 10P
   2-input NAND gate
Rev. 2 - 21 January 2022
logo
NXP Semiconductors
74HC1G00GV NXP-74HC1G00GV Datasheet
75Kb / 10P
   2-input NAND gate
Rev. 04-11 July 2007
More results

Podobny opis - 74HC1G00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7SZ00AFE TOSHIBA-TC7SZ00AFE Datasheet
150Kb / 4P
   2 INPUT NAND GATE
TC4S11F TOSHIBA-TC4S11F Datasheet
166Kb / 4P
   2 INPUT NAND GATE
TC7SET00F TOSHIBA-TC7SET00F Datasheet
165Kb / 5P
   2-INPUT NAND GATE
logo
NXP Semiconductors
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
74Kb / 16P
   2-input NAND gate
2002 May 27
logo
Renesas Technology Corp
HD74HCT1G00 RENESAS-HD74HCT1G00 Datasheet
52Kb / 8P
   2-input NAND Gate
logo
NXP Semiconductors
74AHC1G00 NXP-74AHC1G00 Datasheet
77Kb / 11P
   2-input NAND gate
Rev. 06-30 May 2007
logo
Unisonic Technologies
U74HC2G00 UTC-U74HC2G00 Datasheet
129Kb / 5P
   2-INPUT NAND GATE
logo
Renesas Technology Corp
RD74LVC1G00 RENESAS-RD74LVC1G00 Datasheet
1Mb / 7P
   2-input NAND Gate
logo
Minilogic Device Corpor...
ML74UL00 MINILOGIC-ML74UL00 Datasheet
122Kb / 3P
   2-input NAND Gate
logo
Nexperia B.V. All right...
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
677Kb / 12P
   2-input NAND gate
74HC1G00 NEXPERIA-74HC1G00 Datasheet
206Kb / 10P
   2-input NAND gate
Rev. 6 - 21 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com