Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA42224M035AA Arkusz danych(PDF) 2 Page - DB Lectro Inc

Numer części CA42224M035AA
Szczegółowy opis  CA42 Dipped Tantalum Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DBLECTRO [DB Lectro Inc]
Strona internetowa  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

CA42224M035AA Arkusz danych(HTML) 2 Page - DB Lectro Inc

  CA42224M035AA Datasheet HTML 1Page - DB Lectro Inc CA42224M035AA Datasheet HTML 2Page - DB Lectro Inc CA42224M035AA Datasheet HTML 3Page - DB Lectro Inc CA42224M035AA Datasheet HTML 4Page - DB Lectro Inc CA42224M035AA Datasheet HTML 5Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CA42 Dipped Tantalum Capacitors.
4
6.3
10
16
25(20)
35
50
0.1
104
A
A
0.15
154
A
A
0.22
224
A
A
0.33
334
A
A
0.47
474
A
A
0.68
684
A
A
1
105
AAAB
1.5
155
A
A
A
C
2.2
225
A
A
A
B
C
3.3
335
A
A
A
B
B
D
4.7
475
A
A
A
B
B
C
D
6.8
685
A
A
B
B
C
D
E
10
106
A
B
B
B
C
D
E
15
156
A
B
C
C
D
E
F
22
226
B
C
C
C
D
E
F
33
336
B
C
D
D
E
F
47
476
C
D
D
D
E
F
68
686
D
D
D
E
F
100
107
D
E
E
E
F
150
157
E
E
E
F
220
227
E
E
F
330
337
F
F
Cap.
¨Ì
¨Ì
¨Ì
¨Ì F©
©
©
©
Code
Rated voltage (V)
CA42
105
K
035
A
A
Type
Capacitance
Tolerance
DC voltage
Leads pitch
Packaging
4V=004
K=–10%
6.3V=006
M=–20%
10V=010
A=2.5mm
J=–5%
16V=016
B=5.0mm
25V=025
35V=035
40V=040
50V=050
Dipped
Tanatalum
Capacitors
105:
10X10
5(pF)This is
expressed in
picofarads. The
first two digits are
the significant
figures. The third is
the number of
zeros to follow.
T=Tape and reel
A=Ammo pack
B=bulk pack
Capacitance range,Case size(Letters stand for case sizes)
How To Order (CA42 105 K 035 A A)
DB LECTRO Inc.
DB LETRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


Podobny numer części - CA42224M035AA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
CA4220 VISHAY-CA4220 Datasheet
98Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
18-Feb-2022
More results

Podobny opis - CA42224M035AA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Dubilier
SH1016TR DUBILIER-SH1016TR Datasheet
206Kb / 3P
   CAPACITORS TANTALUM DIPPED SH
SH1016TR DUBILIER-SH1016TR_11 Datasheet
243Kb / 3P
   CAPACITORS TANTALUM DIPPED SH
logo
AVX Corporation
TAP107K020CRW AVX-TAP107K020CRW Datasheet
141Kb / 4P
   SOLID TANTALUM RESIN DIPPED CAPACITORS
logo
NIC-Components Corp.
NDTM NIC-NDTM Datasheet
214Kb / 3P
   Resin Dipped, Solid Tantalum Capacitors
logo
Dubilier
SH DUBILIER-SH Datasheet
243Kb / 3P
   TANTALUM DIPPED
logo
Cornell Dubilier Electr...
TDC CDE-TDC Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Kemet Corporation
T35XA105M035AS KEMET-T35XA105M035AS Datasheet
504Kb / 13P
   Tantalum Through-Hole Capacitors ??Radial Dipped
logo
Cornell Dubilier Electr...
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Suntan Capacitors
TS19 SUNTAN-TS19 Datasheet
1Mb / 1P
   TANTALUM CAPACITOR- DIPPED
TS19 SUNTAN-TS19_17 Datasheet
930Kb / 1P
   TANTALUM CAPACITOR- DIPPED
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com