Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT1G00 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74HCT1G00
Szczegółowy opis  2-input NAND gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT1G00 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74HCT1G00 Datasheet HTML 1Page - NXP Semiconductors 74HCT1G00 Datasheet HTML 2Page - NXP Semiconductors 74HCT1G00 Datasheet HTML 3Page - NXP Semiconductors 74HCT1G00 Datasheet HTML 4Page - NXP Semiconductors 74HCT1G00 Datasheet HTML 5Page - NXP Semiconductors 74HCT1G00 Datasheet HTML 6Page - NXP Semiconductors 74HCT1G00 Datasheet HTML 7Page - NXP Semiconductors 74HCT1G00 Datasheet HTML 8Page - NXP Semiconductors 74HCT1G00 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2002 May 15
3
Philips Semiconductors
Product specification
2-input NAND gate
74HC1G00; 74HCT1G00
ORDERING INFORMATION
PINNING
OUTSIDE NORTH
AMERICA
PACKAGES
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
MARKING
74HC1G00GW
−40 to +125 °C
5
SC-88A
plastic
SOT353
HA
74HCT1G00GW
−40 to +125 °C
5
SC-88A
plastic
SOT353
TA
74HC1G00GV
−40 to +125 °C
5
SC-74A
plastic
SOT753
H00
74HCT1G00GV
−40 to +125 °C
5
SC-74A
plastic
SOT753
T00
PIN
SYMBOL
DESCRIPTION
1
B
data input B
2
A
data input A
3
GND
ground (0 V)
4
Y
data output Y
5VCC
supply voltage
Fig.1 Pin configuration.
handbook, halfpage
1
2
3
5
4
MNA096
00
VCC
A
Y
GND
B
Fig.2 Logic symbol.
handbook, halfpage
MNA097
B
A
Y
2
1
4
Fig.3 IEC logic symbol.
handbook, halfpage
MNA098
2
4
&
1
Fig.4 Logic diagram.
handbook, halfpage
MNA099
B
A
Y


Podobny numer części - 74HCT1G00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT1G00 NXP-74HCT1G00 Datasheet
75Kb / 10P
   2-input NAND gate
Rev. 04-11 July 2007
logo
Nexperia B.V. All right...
74HCT1G00 NEXPERIA-74HCT1G00 Datasheet
206Kb / 10P
   2-input NAND gate
Rev. 6 - 21 January 2022
74HCT1G00-Q100 NEXPERIA-74HCT1G00-Q100 Datasheet
205Kb / 10P
   2-input NAND gate
Rev. 2 - 21 January 2022
logo
NXP Semiconductors
74HCT1G00GV NXP-74HCT1G00GV Datasheet
75Kb / 10P
   2-input NAND gate
Rev. 04-11 July 2007
logo
Nexperia B.V. All right...
74HCT1G00GV NEXPERIA-74HCT1G00GV Datasheet
206Kb / 10P
   2-input NAND gate
Rev. 6 - 21 January 2022
More results

Podobny opis - 74HCT1G00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7SZ00AFE TOSHIBA-TC7SZ00AFE Datasheet
150Kb / 4P
   2 INPUT NAND GATE
TC4S11F TOSHIBA-TC4S11F Datasheet
166Kb / 4P
   2 INPUT NAND GATE
TC7SET00F TOSHIBA-TC7SET00F Datasheet
165Kb / 5P
   2-INPUT NAND GATE
logo
NXP Semiconductors
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
74Kb / 16P
   2-input NAND gate
2002 May 27
logo
Renesas Technology Corp
HD74HCT1G00 RENESAS-HD74HCT1G00 Datasheet
52Kb / 8P
   2-input NAND Gate
logo
NXP Semiconductors
74AHC1G00 NXP-74AHC1G00 Datasheet
77Kb / 11P
   2-input NAND gate
Rev. 06-30 May 2007
logo
Unisonic Technologies
U74HC2G00 UTC-U74HC2G00 Datasheet
129Kb / 5P
   2-INPUT NAND GATE
logo
Renesas Technology Corp
RD74LVC1G00 RENESAS-RD74LVC1G00 Datasheet
1Mb / 7P
   2-input NAND Gate
logo
Minilogic Device Corpor...
ML74UL00 MINILOGIC-ML74UL00 Datasheet
122Kb / 3P
   2-input NAND Gate
logo
Nexperia B.V. All right...
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
677Kb / 12P
   2-input NAND gate
74HC1G00 NEXPERIA-74HC1G00 Datasheet
206Kb / 10P
   2-input NAND gate
Rev. 6 - 21 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com