Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT1G02 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74HCT1G02
Szczegółowy opis  2-input NOR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT1G02 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74HCT1G02 Datasheet HTML 1Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 2Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 3Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 4Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 5Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 6Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 7Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 8Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2002 May 17
3
Philips Semiconductors
Product specification
2-input NOR gate
74HC1G02; 74HCT1G02
ORDERING INFORMATION
PINNING
TYPE NUMBER
PACKAGES
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
MARKING
74HC1G02GW
−40 to +125 °C
5
SC-88A
plastic
SOT353
HB
74HCT1G02GW
−40 to +125 °C
5
SC-88A
plastic
SOT353
TB
74HC1G02GV
−40 to +125 °C
5
SC-74A
plastic
SOT753
H02
74HCT1G02GV
−40 to +125 °C
5
SC-74A
plastic
SOT753
T02
PIN
SYMBOL
DESCRIPTION
1
B
data input B
2
A
data input A
3
GND
ground (0 V)
4
Y
data output Y
5VCC
supply voltage
Fig.1 Pin configuration.
handbook, halfpage
1
2
3
5
4
MNA102
02
VCC
A
Y
GND
B
Fig.2 Logic symbol.
handbook, halfpage
MNA103
B
A
Y
2
1
4
Fig.3 IEC logic symbol.
handbook, halfpage
MNA104
4
2
1
1
handbook, halfpage
MNA105
B
A
Y
Fig.4 Logic diagram.


Podobny numer części - 74HCT1G02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT1G02 NXP-74HCT1G02 Datasheet
75Kb / 10P
   2-input NOR gate
Rev. 04-11 July 2007
logo
Nexperia B.V. All right...
74HCT1G02 NEXPERIA-74HCT1G02 Datasheet
206Kb / 10P
   2-input NOR gate
Rev. 5 - 21 January 2022
logo
NXP Semiconductors
74HCT1G02GV NXP-74HCT1G02GV Datasheet
75Kb / 10P
   2-input NOR gate
Rev. 04-11 July 2007
logo
Nexperia B.V. All right...
74HCT1G02GV NEXPERIA-74HCT1G02GV Datasheet
206Kb / 10P
   2-input NOR gate
Rev. 5 - 21 January 2022
74HCT1G02GV-Q100 NEXPERIA-74HCT1G02GV-Q100 Datasheet
680Kb / 12P
   2-input NOR gate
More results

Podobny opis - 74HCT1G02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
   2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
   2-input NOR Gate
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
   2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
   2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
   2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
   2-INPUT NOR GATE
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
   2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
   2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
   2-input NOR gate
Rev. 2 - 12 January 2022
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
   2-INPUT NOR GATE
TC7SH02F TOSHIBA-TC7SH02F Datasheet
197Kb / 5P
   2-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com