Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT1G125 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74HCT1G125
Szczegółowy opis  Bus buffer/line driver; 3-state
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT1G125 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74HCT1G125 Datasheet HTML 1Page - NXP Semiconductors 74HCT1G125 Datasheet HTML 2Page - NXP Semiconductors 74HCT1G125 Datasheet HTML 3Page - NXP Semiconductors 74HCT1G125 Datasheet HTML 4Page - NXP Semiconductors 74HCT1G125 Datasheet HTML 5Page - NXP Semiconductors 74HCT1G125 Datasheet HTML 6Page - NXP Semiconductors 74HCT1G125 Datasheet HTML 7Page - NXP Semiconductors 74HCT1G125 Datasheet HTML 8Page - NXP Semiconductors 74HCT1G125 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
2004 Jul 27
5
Philips Semiconductors
Product specification
Bus buffer/line drivers; 3-state
74HC1G125; 74HCT1G125
DC CHARACTERISTICS
Family 74HC1G
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
−40 to +85
−40 to +125
MIN.
TYP.(1)
MAX.
MIN.
MAX.
VIH
HIGH-level input voltage
2.0
1.5
1.2
1.5
V
4.5
3.15
2.4
3.15
V
6.0
4.2
3.2
4.2
V
VIL
LOW-level input voltage
2.0
0.8
0.5
0.5
V
4.5
2.1
1.35
1.35
V
6.0
2.8
1.8
1.8
V
VOH
HIGH-level output
voltage
VI =VIH or VIL;
IO = −20 µA
2.0
1.9
2.0
1.9
V
VI =VIH or VIL;
IO = −20 µA
4.5
4.4
4.5
4.4
V
VI =VIH or VIL;
IO = −20 µA
6.0
5.9
6.0
5.9
V
VI =VIH or VIL;
IO = −2.0 mA
4.5
4.13
4.32
3.7
V
VI =VIH or VIL;
IO = −2.6 mA
6.0
5.63
5.81
5.2
V
VOL
LOW-level output
voltage
VI =VIH or VIL;
IO =20 µA
2.0
0
0.1
0.1
V
VI =VIH or VIL;
IO =20 µA
4.5
0
0.1
0.1
V
VI =VIH or VIL;
IO =20 µA
6.0
0
0.1
0.1
V
VI =VIH or VIL;
IO = 2.0 mA
4.5
0.15
0.33
0.4
V
VI =VIH or VIL;
IO = 2.6 mA
6.0
0.16
0.33
0.4
V
ILI
input leakage current
VI =VCC or GND
6.0
−−
1.0
1.0
µA
IOZ
3-state output current
OFF-state
VI =VIH or VIL;
VO =VCC or GND
6.0
−−
5
10
µA
ICC
quiescent supply
current
VI =VCC or GND;
IO =0
6.0
−−
10
20
µA


Podobny numer części - 74HCT1G125

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74HCT1G125 NEXPERIA-74HCT1G125 Datasheet
228Kb / 13P
   Bus buffer/line driver; 3-state
Rev. 7 - 17 January 2022
74HCT1G125GV NEXPERIA-74HCT1G125GV Datasheet
228Kb / 13P
   Bus buffer/line driver; 3-state
Rev. 7 - 17 January 2022
74HCT1G125GV-Q100 NEXPERIA-74HCT1G125GV-Q100 Datasheet
705Kb / 16P
   Bus buffer/line driver 3-state
74HCT1G125GW NEXPERIA-74HCT1G125GW Datasheet
228Kb / 13P
   Bus buffer/line driver; 3-state
Rev. 7 - 17 January 2022
74HCT1G125GW-Q100 NEXPERIA-74HCT1G125GW-Q100 Datasheet
705Kb / 16P
   Bus buffer/line driver 3-state
More results

Podobny opis - 74HCT1G125

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74HC1G126 PHILIPS-74HC1G126 Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com