Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT1G126 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74HCT1G126
Szczegółowy opis  Bus buffer/line driver; 3-state
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT1G126 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74HCT1G126 Datasheet HTML 1Page - NXP Semiconductors 74HCT1G126 Datasheet HTML 2Page - NXP Semiconductors 74HCT1G126 Datasheet HTML 3Page - NXP Semiconductors 74HCT1G126 Datasheet HTML 4Page - NXP Semiconductors 74HCT1G126 Datasheet HTML 5Page - NXP Semiconductors 74HCT1G126 Datasheet HTML 6Page - NXP Semiconductors 74HCT1G126 Datasheet HTML 7Page - NXP Semiconductors 74HCT1G126 Datasheet HTML 8Page - NXP Semiconductors 74HCT1G126 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2002 May 15
3
Philips Semiconductors
Product specification
Bus buffer/line driver; 3-state
74HC1G126; 74HCT1G126
ORDERING INFORMATION
PIN DESCRIPTION
TYPE NUMBER
PACKAGES
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
MARKING
74HC1G126GW
−40 to +125 °C
5
SC88A
plastic
SOT353
HN
74HCT1G126GW
−40 to +125 °C
5
SC88A
plastic
SOT353
TN
74HC1G126GV
−40 to +125 °C
5
SC-74A
plastic
SOT753
H26
74HCT1G126GV
−40 to +125 °C
5
SC-74A
plastic
SOT753
T26
PIN
SYMBOL
NAME AND FUNCTION
1
OE
output enable input
2
A
data input A
3
GND
ground (0 V)
4
Y
data output Y
5VCC
supply voltage
handbook, halfpage
1
2
3
5
4
MNA124
126
VCC
A
Y
GND
OE
Fig.1 Pin configuration.
handbook, halfpage
MNA125
A
OE
Y
2
1
4
Fig.2 Logic symbol.
handbook, halfpage
MNA126
1
4
OE
2
Fig.3 IEC logic symbol.
handbook, halfpage
MNA127
OE
A
Y
Fig.4 Logic diagram.


Podobny numer części - 74HCT1G126

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT1G126 PHILIPS-74HCT1G126 Datasheet
78Kb / 16P
   Bus buffer/line driver; 3-state
2002 May 15
74HCT1G126 NXP-74HCT1G126 Datasheet
83Kb / 12P
   Bus buffer/line driver; 3-state
Rev. 04-20 July 2007
logo
Nexperia B.V. All right...
74HCT1G126 NEXPERIA-74HCT1G126 Datasheet
223Kb / 12P
   Bus buffer/line driver; 3-state
Rev. 5 - 17 January 2022
logo
NXP Semiconductors
74HCT1G126GV PHILIPS-74HCT1G126GV Datasheet
78Kb / 16P
   Bus buffer/line driver; 3-state
2002 May 15
74HCT1G126GV NXP-74HCT1G126GV Datasheet
83Kb / 12P
   Bus buffer/line driver; 3-state
Rev. 04-20 July 2007
More results

Podobny opis - 74HCT1G126

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com