Zakładka z wyszukiwarką danych komponentów |
|
74HCT1G14 Arkusz danych(PDF) 7 Page - NXP Semiconductors |
|
74HCT1G14 Arkusz danych(HTML) 7 Page - NXP Semiconductors |
7 / 20 page 2002 May 15 7 Philips Semiconductors Product specification Inverting Schmitt-triggers 74HC1G14; 74HCT1G14 Family 74HCT1G14 At recommended operating conditions; voltages are referenced to GND (ground=0V). Note 1. All typical values are measured at Tamb =25 °C. AC CHARACTERISTICS Type 74HC1G14 GND = 0 V; tr =tf = 6.0 ns; CL =50pF. Note 1. All typical values are measured at Tamb =25 °C. Type 74HCT1G14 GND = 0 V; tr =tf = 6.0 ns; CL =50pF. Note 1. All typical values are measured at Tamb =25 °C. SYMBOL PARAMETER TEST CONDITIONS Tamb (°C) UNIT WAVEFORMS VCC (V) −40 to +85 −40 to +125 MIN. TYP.(1) MAX. MIN. MAX. VT+ positive-going threshold see Figs 5 and 6 4.5 1.2 1.55 1.9 1.2 1.9 V 5.5 1.4 1.80 2.1 1.4 2.1 V VT− negative-going threshold see Figs 5 and 6 4.5 0.5 0.76 1.2 0.5 1.2 V 5.5 0.6 0.90 1.4 0.6 1.4 V VH hysteresis (VT+ − VT−) see Figs 5 and 6 4.5 0.4 0.80 − 0.4 − V 5.5 0.4 0.90 − 0.4 − V SYMBOL PARAMETER TEST CONDITIONS Tamb (°C) UNIT WAVEFORMS VCC (V) −40 to +85 −40 to +125 MIN. TYP.(1) MAX. MIN. MAX. tPHL/tPLH propagation delay AtoY see Figs 12 and 13 2.0 − 25 155 − 190 ns 4.5 − 12 31 − 38 ns 6.0 − 11 26 − 32 ns SYMBOL PARAMETER TEST CONDITIONS Tamb (°C) UNIT WAVEFORMS VCC(V) −40 to +85 −40 to +125 MIN. TYP.(1) MAX. MIN. MAX. tPHL/tPLH propagation delay AtoY see Figs 12 and 13 4.5 − 17 43 − 51 ns |
Podobny numer części - 74HCT1G14 |
|
Podobny opis - 74HCT1G14 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |