Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT1G14 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74HCT1G14
Szczegółowy opis  Inverting Schmitt-trigger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT1G14 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74HCT1G14 Datasheet HTML 1Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 2Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 3Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 4Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 5Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 6Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 7Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 8Page - NXP Semiconductors 74HCT1G14 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2002 May 15
2
Philips Semiconductors
Product specification
Inverting Schmitt-triggers
74HC1G14; 74HCT1G14
FEATURES
• Wide operating voltage range from 2.0 to 6.0 V
• Symmetrical output impedance
• High noise immunity
• Low power dissipation
• Balanced propagation delays
• Very small 5 pins package
• Applications
– Wave and pulse shapers
– Astable multivibrators
– Monostable multivibrators
• Output capability: standard.
DESCRIPTION
The 74HC1G/HCT1G14 is a high-speed Si-gate CMOS
device.
The 74HC1G/HCT1G14 provides the inverting buffer
function with Schmitt-trigger action. These devices are
capable of transforming slowly changing input signals into
sharply defined, jitter-free output signals.
The standard output currents are 1
2 compared to the
74HC/HCT14.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6.0 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
∑ (CL × VCC2 × fo) = sum of outputs.
2. For HC1G the condition is VI = GND to VCC.
For HCT1G the condition is VI = GND to VCC − 1.5 V.
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC1G
HCT1G
tPHL/tPLH
propagation delay A to Y
CL = 15 pF VCC = 5 V
10
15
ns
CI
input capacitance
1.5
1.5
pF
CPD
power dissipation capacitance
notes 1 and 2
20
22
pF
INPUT
OUTPUT
AY
LH
HL


Podobny numer części - 74HCT1G14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT1G14 NXP-74HCT1G14 Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
74HCT1G14 NEXPERIA-74HCT1G14 Datasheet
240Kb / 14P
   Inverting Schmitt trigger
Rev. 7 - 17 January 2022
logo
NXP Semiconductors
74HCT1G14GV NXP-74HCT1G14GV Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
74HCT1G14GV NXP-74HCT1G14GV Datasheet
131Kb / 16P
   Inverting Schmitt trigger
Rev. 6-27 December 2012
74HCT1G14GV PHILIPS-74HCT1G14GV Datasheet
131Kb / 16P
   Inverting Schmitt trigger Rev. 6 ??27 December 2012
Rev. 6-27 December 2012
More results

Podobny opis - 74HCT1G14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHC3G14 NXP-74AHC3G14 Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
   INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
   Inverting Schmitt trigger
Rev. 7-18 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com