Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT1G32 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74HCT1G32
Szczegółowy opis  2-input OR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT1G32 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74HCT1G32 Datasheet HTML 1Page - NXP Semiconductors 74HCT1G32 Datasheet HTML 2Page - NXP Semiconductors 74HCT1G32 Datasheet HTML 3Page - NXP Semiconductors 74HCT1G32 Datasheet HTML 4Page - NXP Semiconductors 74HCT1G32 Datasheet HTML 5Page - NXP Semiconductors 74HCT1G32 Datasheet HTML 6Page - NXP Semiconductors 74HCT1G32 Datasheet HTML 7Page - NXP Semiconductors 74HCT1G32 Datasheet HTML 8Page - NXP Semiconductors 74HCT1G32 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2002 May 15
3
Philips Semiconductors
Product specification
2-input OR gate
74HC1G32; 74HCT1G32
ORDERING INFORMATION
PIN DESCRIPTION
TYPE NUMBER
PACKAGES
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
MARKING
74HC1G32GW
−40 to +125 °C
5
SC88A
plastic
SOT353
HG
74HCT1G32GW
−40 to +125 °C
5
SC88A
plastic
SOT353
TG
74HC1G32GV
−40 to +125 °C
5
SC-74A
plastic
SOT753
H32
74HCT1G32GV
−40 to +125 °C
5
SC-74A
plastic
SOT753
T32
PIN
SYMBOL
DESCRIPTION
1
B
data input B
2
A
data input A
3
GND
ground (0 V)
4
Y
data output Y
5VCC
supply voltage
handbook, halfpage
1
2
3
5
4
MNA163
32
VCC
A
Y
GND
B
Fig.1 Pin configuration.
handbook, halfpage
MNA164
B
A
Y
2
1
4
Fig.2 Logic symbol.
handbook, halfpage
MNA165
4
≥1
2
1
Fig.3 IEC logic symbol.
handbook, halfpage
MNA166
B
A
Y
Fig.4 Logic diagram.


Podobny numer części - 74HCT1G32

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT1G32 NXP-74HCT1G32 Datasheet
75Kb / 11P
   2-input OR gate
Rev. 05-14 March 2008
logo
Nexperia B.V. All right...
74HCT1G32 NEXPERIA-74HCT1G32 Datasheet
207Kb / 11P
   2-input OR gate
Rev. 6 - 18 January 2022
logo
NXP Semiconductors
74HCT1G32GV NXP-74HCT1G32GV Datasheet
75Kb / 11P
   2-input OR gate
Rev. 05-14 March 2008
logo
Nexperia B.V. All right...
74HCT1G32GV NEXPERIA-74HCT1G32GV Datasheet
207Kb / 11P
   2-input OR gate
Rev. 6 - 18 January 2022
74HCT1G32GV-Q100 NEXPERIA-74HCT1G32GV-Q100 Datasheet
682Kb / 12P
   2-input OR gate
More results

Podobny opis - 74HCT1G32

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
   2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
   2-INPUT OR GATE
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
   2-input OR gate
1999 Jan 27
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Toshiba Semiconductor
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
   2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
   2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
   2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
   2-input OR Gate
logo
Toshiba Semiconductor
TC7SH32F TOSHIBA-TC7SH32F_09 Datasheet
173Kb / 7P
   2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com