Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT1G66 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74HCT1G66
Szczegółowy opis  Bilateral switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT1G66 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT1G66 Datasheet HTML 2Page - NXP Semiconductors 74HCT1G66 Datasheet HTML 3Page - NXP Semiconductors 74HCT1G66 Datasheet HTML 4Page - NXP Semiconductors 74HCT1G66 Datasheet HTML 5Page - NXP Semiconductors 74HCT1G66 Datasheet HTML 6Page - NXP Semiconductors 74HCT1G66 Datasheet HTML 7Page - NXP Semiconductors 74HCT1G66 Datasheet HTML 8Page - NXP Semiconductors 74HCT1G66 Datasheet HTML 9Page - NXP Semiconductors 74HCT1G66 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
2002 May 15
6
Philips Semiconductors
Product specification
Bilateral switch
74HC1G66; 74HCT1G66
Family 74HCT1G66
At recommended operating conditions; voltages are referenced to GND (ground=0V).
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
−40 to +85
−40 to +125
MIN. TYP.(1)
MAX.
MIN.
MAX.
VIH
HIGH-level input
voltage
4.5 to 5.5
2.0
1.6
2.0
V
VIL
LOW-level input voltage
4.5 to 5.5
0.1
1.2
0.8
0.8
V
ILI
input leakage current
VI =VCC or GND
5.5
0.1
1.0
1.0
µA
IS
analog switch current,
OFF-state
VI =VIH or VIL;
VS =VCC − GND;
see Fig.6
5.5
0.1
1.0
1.0
µA
analog switch current,
ON-state
VI =VIH or VIL;
VS =VCC − GND;
see Fig.7
5.5
0.1
1.0
1.0
µA
ICC
quiescent supply
current
VI =VCC or GND;
Vis = GND or VCC;
Vos =VCC or GND
4.5 to 5.5
110
20
µA
∆I
CC
additional supply
current per input
VI =VCC − 2.1 V
4.5 to 5.5
−−
500
850
µA


Podobny numer części - 74HCT1G66

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT1G66 NXP-74HCT1G66 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
logo
Nexperia B.V. All right...
74HCT1G66 NEXPERIA-74HCT1G66 Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
logo
NXP Semiconductors
74HCT1G66GV NXP-74HCT1G66GV Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
logo
Nexperia B.V. All right...
74HCT1G66GV NEXPERIA-74HCT1G66GV Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
74HCT1G66GV-Q100 NEXPERIA-74HCT1G66GV-Q100 Datasheet
730Kb / 19P
   Single-pole single-throw analog switch
More results

Podobny opis - 74HCT1G66

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66_10 Datasheet
752Kb / 26P
   Bilateral switch
Rev. 5-16 June 2010
logo
Nexperia B.V. All right...
74LVC1G66 NEXPERIA-74LVC1G66 Datasheet
316Kb / 21P
   Bilateral switch
Rev. 12 - 12 January 2022
logo
Unisonic Technologies
U74AHC1G66 UTC-U74AHC1G66_09 Datasheet
214Kb / 8P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
   Bilateral switch
Rev. 02-28 August 2007
logo
Unisonic Technologies
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
   BILATERAL SWITCH
U74AHCT1G66 UTC-U74AHCT1G66 Datasheet
159Kb / 7P
   BILATERAL SWITCH
logo
Toshiba Semiconductor
TC7S66F TOSHIBA-TC7S66F Datasheet
244Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC1G66 PHILIPS-74LVC1G66 Datasheet
151Kb / 22P
   Bilateral switch
2004 Apr 13
logo
Toshiba Semiconductor
TC4S66F TOSHIBA-TC4S66F Datasheet
231Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66_08 Datasheet
147Kb / 24P
   Bilateral switch
Rev. 04-1 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com