Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC1GU04 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 74HC1GU04
Szczegółowy opis  Inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC1GU04 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  74HC1GU04 Datasheet HTML 1Page - NXP Semiconductors 74HC1GU04 Datasheet HTML 2Page - NXP Semiconductors 74HC1GU04 Datasheet HTML 3Page - NXP Semiconductors 74HC1GU04 Datasheet HTML 4Page - NXP Semiconductors 74HC1GU04 Datasheet HTML 5Page - NXP Semiconductors 74HC1GU04 Datasheet HTML 6Page - NXP Semiconductors 74HC1GU04 Datasheet HTML 7Page - NXP Semiconductors 74HC1GU04 Datasheet HTML 8Page - NXP Semiconductors 74HC1GU04 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1998 Nov 18
4
Philips Semiconductors
Product specification
Inverter
74HC1GU04
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134). Voltages are referenced to GND (ground = 0 V).
Note
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
SYMBOL
PARAMETER
CONDITIONS
74HC1G
UNIT
MIN.
TYP.
MAX.
VCC
DC supply voltage
2.0
5.0
6.0
V
VI
input voltage
0
VCC
V
VO
output voltage
0
VCC
V
Tamb
operating ambient
temperature range
see DC and AC
characteristics per device
−40
+25
+125
°C
tr, tf
input rise and fall times except
for Schmitt-trigger inputs
VCC = 2.0 V
−−
1000
ns
VCC = 4.5 V
−−
500
ns
VCC = 6.0 V
−−
400
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
DC supply voltage
−0.5
+7.0
V
±I
IK
DC input diode current(1)
VI <−0.5 or VI > VCC + 0.5 V
20
mA
±IOK
DC output diode current(1)
VO <−0.5 or VO > VCC + 0.5 V
20
mA
±I
O
DC output source or sink
current standard outputs(1)
−0.5 V < VO < VCC + 0.5 V
12.5
mA
±I
CC
DC VCC or GND current for
types with standard outputs(1)
25
mA
Tstg
storage temperature range
−65
+150
°C
PD
power dissipation per
package 5 pins plastic SC-88A
for temperature range:
−40 to +125 °C;
above +55
°C PD derates linearly with
2.5 mW/K
200
mW


Podobny numer części - 74HC1GU04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC1GU04 NXP-74HC1GU04 Datasheet
97Kb / 12P
   Inverter
Rev. 05-10 July 2007
logo
Nexperia B.V. All right...
74HC1GU04 NEXPERIA-74HC1GU04 Datasheet
246Kb / 13P
   Single unbuffered inverter
Rev. 7 - 4 February 2022
74HC1GU04-Q100 NEXPERIA-74HC1GU04-Q100 Datasheet
234Kb / 13P
   Single unbuffered inverter
logo
NXP Semiconductors
74HC1GU04GV NXP-74HC1GU04GV Datasheet
97Kb / 12P
   Inverter
Rev. 05-10 July 2007
logo
Nexperia B.V. All right...
74HC1GU04GV NEXPERIA-74HC1GU04GV Datasheet
246Kb / 13P
   Single unbuffered inverter
Rev. 7 - 4 February 2022
More results

Podobny opis - 74HC1GU04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com