Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT1G86 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74HCT1G86
Szczegółowy opis  2-input EXCLUSIVE-OR gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT1G86 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT1G86 Datasheet HTML 2Page - NXP Semiconductors 74HCT1G86 Datasheet HTML 3Page - NXP Semiconductors 74HCT1G86 Datasheet HTML 4Page - NXP Semiconductors 74HCT1G86 Datasheet HTML 5Page - NXP Semiconductors 74HCT1G86 Datasheet HTML 6Page - NXP Semiconductors 74HCT1G86 Datasheet HTML 7Page - NXP Semiconductors 74HCT1G86 Datasheet HTML 8Page - NXP Semiconductors 74HCT1G86 Datasheet HTML 9Page - NXP Semiconductors 74HCT1G86 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1998 Aug 05
6
Philips Semiconductors
Product specification
2-input EXCLUSIVE-OR gate
74HC1G86;
74HCT1G86
DC CHARACTERISTICS FOR THE 74HCT1G
Over recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
−40 to +85
−40 to +125
VCC (V)
OTHER
MIN.
TYP.(1)
MAX.
MIN.
MAX.
VIH
HIGH-level input
voltage
2.0
1.6
2.0
V
4.5 to 5.5
VIL
LOW-level input
voltage
1.2
0.8
0.8
V
4.5 to 5.5
VOH
HIGH-level output
voltage; all outputs
4.4
4.5
4.4
V
4.5
VI =VIH or VIL;
−IO =20 µA
VOH
HIGH-level output
voltage; standard
outputs
4.13
4.32
3.7
V
4.5
VI =VIH or VIL;
−IO = 2.0 mA
VOL
LOW-level output
voltage; all outputs
0
0.1
0.1
V
4.5
VI =VIH or VIL;
IO =20 µA
VOL
LOW-level output
voltage; standard
outputs
0.15
0.33
0.4
V
4.5
VI =VIH or VIL;
IO = 2.0 mA
II
input leakage current
−−
1.0
1.0
µA
5.5
VI =VCC or GND
ICC
quiescent supply
current
−−
10.0
20.0
µA
5.5
VI =VCC or GND;
IO =0
∆ICC
additional supply
current per input
−−
500
850
µA
4.5 to 5.5
VI =VCC − 2.1 V;
IO =0


Podobny numer części - 74HCT1G86

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT1G86 NXP-74HCT1G86 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Nexperia B.V. All right...
74HCT1G86 NEXPERIA-74HCT1G86 Datasheet
208Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 5 - 27 January 2022
logo
NXP Semiconductors
74HCT1G86GV NXP-74HCT1G86GV Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
74HCT1G86GV NXP-74HCT1G86GV Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Nexperia B.V. All right...
74HCT1G86GV NEXPERIA-74HCT1G86GV Datasheet
208Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 5 - 27 January 2022
More results

Podobny opis - 74HCT1G86

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
   2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
   2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
   2-input EXCLUSIVE-OR gate
2002 Jun 06
logo
Renesas Technology Corp
RD74LVC1G86 RENESAS-RD74LVC1G86 Datasheet
2Mb / 8P
   2-input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74ALVC1G86 HITACHI-HD74ALVC1G86 Datasheet
37Kb / 10P
   2-input Exclusive-OR Gate
logo
NXP Semiconductors
74LVC1G86 PHILIPS-74LVC1G86 Datasheet
69Kb / 12P
   2-input EXCLUSIVE-OR gate
2001 Apr 06
74HC1G86 NXP-74HC1G86 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
74LVC1G86 NXP-74LVC1G86 Datasheet
87Kb / 14P
   2-input EXCLUSIVE-OR gate
Rev. 06-18 July 2007
logo
Renesas Technology Corp
HD74LV1G86A RENESAS-HD74LV1G86A_08 Datasheet
110Kb / 8P
   2-input Exclusive-OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com