Zakładka z wyszukiwarką danych komponentów |
|
74HCT1G14GV Arkusz danych(PDF) 4 Page - NXP Semiconductors |
|
74HCT1G14GV Arkusz danych(HTML) 4 Page - NXP Semiconductors |
4 / 20 page 2002 May 15 4 Philips Semiconductors Product specification Inverting Schmitt-triggers 74HC1G14; 74HCT1G14 RECOMMENDED OPERATING CONDITIONS LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V). Notes 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. Above 55 °C the value of PD derates linearly with 2.5 mW/K. SYMBOL PARAMETER CONDITIONS 74HC1G 74HCT1G UNIT MIN. TYP. MAX. MIN. TYP. MAX. VCC supply voltage 2.0 5.0 6.0 4.5 5.0 5.5 V VI input voltage 0 − VCC 0 − VCC V VO output voltage 0 − VCC 0 − VCC V Tamb operating ambient temperature see DC and AC characteristics per device −40 +25 +125 −40 +25 +125 °C SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT VCC supply voltage −0.5 +7.0 V IIK input diode current VI <−0.5 V or VI > VCC + 0.5 V; note 1 −±20 mA IOK output diode current VO <−0.5 V or VO > VCC + 0.5 V; note 1 −±20 mA IO output source or sink current −0.5 V < VO < VCC + 0.5 V; note 1 −±12.5 mA ICC VCC or GND current note 1 −±25 mA Tstg storage temperature −65 +150 °C PD power dissipation per package for temperature range from −40 to +125 °C; note 2 − 200 mW |
Podobny numer części - 74HCT1G14GV |
|
Podobny opis - 74HCT1G14GV |