Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT1G14GV Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74HCT1G14GV
Szczegółowy opis  Inverting Schmitt-trigger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT1G14GV Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74HCT1G14GV Datasheet HTML 3Page - NXP Semiconductors 74HCT1G14GV Datasheet HTML 4Page - NXP Semiconductors 74HCT1G14GV Datasheet HTML 5Page - NXP Semiconductors 74HCT1G14GV Datasheet HTML 6Page - NXP Semiconductors 74HCT1G14GV Datasheet HTML 7Page - NXP Semiconductors 74HCT1G14GV Datasheet HTML 8Page - NXP Semiconductors 74HCT1G14GV Datasheet HTML 9Page - NXP Semiconductors 74HCT1G14GV Datasheet HTML 10Page - NXP Semiconductors 74HCT1G14GV Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
2002 May 15
7
Philips Semiconductors
Product specification
Inverting Schmitt-triggers
74HC1G14; 74HCT1G14
Family 74HCT1G14
At recommended operating conditions; voltages are referenced to GND (ground=0V).
Note
1. All typical values are measured at Tamb =25 °C.
AC CHARACTERISTICS
Type 74HC1G14
GND = 0 V; tr =tf = 6.0 ns; CL =50pF.
Note
1. All typical values are measured at Tamb =25 °C.
Type 74HCT1G14
GND = 0 V; tr =tf = 6.0 ns; CL =50pF.
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
VCC (V)
−40 to +85
−40 to +125
MIN.
TYP.(1)
MAX.
MIN.
MAX.
VT+
positive-going threshold
see Figs 5 and 6
4.5
1.2
1.55
1.9
1.2
1.9
V
5.5
1.4
1.80
2.1
1.4
2.1
V
VT−
negative-going threshold
see Figs 5 and 6
4.5
0.5
0.76
1.2
0.5
1.2
V
5.5
0.6
0.90
1.4
0.6
1.4
V
VH
hysteresis (VT+ − VT−)
see Figs 5 and 6
4.5
0.4
0.80
0.4
V
5.5
0.4
0.90
0.4
V
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
VCC (V)
−40 to +85
−40 to +125
MIN.
TYP.(1)
MAX.
MIN.
MAX.
tPHL/tPLH
propagation delay
AtoY
see Figs 12 and 13
2.0
25
155
190
ns
4.5
12
31
38
ns
6.0
11
26
32
ns
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
VCC(V)
−40 to +85
−40 to +125
MIN.
TYP.(1)
MAX.
MIN.
MAX.
tPHL/tPLH
propagation delay
AtoY
see Figs 12 and 13
4.5
17
43
51
ns


Podobny numer części - 74HCT1G14GV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT1G14GV NXP-74HCT1G14GV Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
74HCT1G14GV NXP-74HCT1G14GV Datasheet
131Kb / 16P
   Inverting Schmitt trigger
Rev. 6-27 December 2012
74HCT1G14GV PHILIPS-74HCT1G14GV Datasheet
131Kb / 16P
   Inverting Schmitt trigger Rev. 6 ??27 December 2012
Rev. 6-27 December 2012
logo
Nexperia B.V. All right...
74HCT1G14GV NEXPERIA-74HCT1G14GV Datasheet
240Kb / 14P
   Inverting Schmitt trigger
Rev. 7 - 17 January 2022
74HCT1G14GV-Q100 NEXPERIA-74HCT1G14GV-Q100 Datasheet
720Kb / 16P
   Inverting Schmitt trigger
More results

Podobny opis - 74HCT1G14GV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHC3G14 NXP-74AHC3G14 Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
   INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
   Inverting Schmitt trigger
Rev. 7-18 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com