Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT1G14GV Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części 74HCT1G14GV
Szczegółowy opis  Inverting Schmitt-trigger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT1G14GV Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT1G14GV Datasheet HTML 5Page - NXP Semiconductors 74HCT1G14GV Datasheet HTML 6Page - NXP Semiconductors 74HCT1G14GV Datasheet HTML 7Page - NXP Semiconductors 74HCT1G14GV Datasheet HTML 8Page - NXP Semiconductors 74HCT1G14GV Datasheet HTML 9Page - NXP Semiconductors 74HCT1G14GV Datasheet HTML 10Page - NXP Semiconductors 74HCT1G14GV Datasheet HTML 11Page - NXP Semiconductors 74HCT1G14GV Datasheet HTML 12Page - NXP Semiconductors 74HCT1G14GV Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
2002 May 15
9
Philips Semiconductors
Product specification
Inverting Schmitt-triggers
74HC1G14; 74HCT1G14
Fig.9
Typical HC1G14 transfer characteristics;
VCC = 6.0 V.
handbook, halfpage
0
3.0
6.0
1.6
0
0.8
MNA030
ICC
(mA)
VI (V)
Fig.10 Typical HCT1G14 transfer characteristics;
VCC = 4.5 V.
handbook, halfpage
0
5.0
2.0
0
1.0
ICC
(mA)
2.5
VI (V)
MNA031
Fig.11 Typical HCT1G14 transfer characteristics;
VCC = 5.5 V.
handbook, halfpage
0
3.0
2.0
1.0
0
3.0
6.0
MNA032
ICC
(mA)
VI (V)
Fig.12 The input (A) to output (Y) propagation
delays.
handbook, halfpage
MNA033
A input
Y output
tPHL
tPLH
VM
VM
For HC1G: VM = 50%; VI = GND to VCC.
For HCT1G: VM = 1.3 V; VI = GND to 3.0 V.


Podobny numer części - 74HCT1G14GV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT1G14GV NXP-74HCT1G14GV Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
74HCT1G14GV NXP-74HCT1G14GV Datasheet
131Kb / 16P
   Inverting Schmitt trigger
Rev. 6-27 December 2012
74HCT1G14GV PHILIPS-74HCT1G14GV Datasheet
131Kb / 16P
   Inverting Schmitt trigger Rev. 6 ??27 December 2012
Rev. 6-27 December 2012
logo
Nexperia B.V. All right...
74HCT1G14GV NEXPERIA-74HCT1G14GV Datasheet
240Kb / 14P
   Inverting Schmitt trigger
Rev. 7 - 17 January 2022
74HCT1G14GV-Q100 NEXPERIA-74HCT1G14GV-Q100 Datasheet
720Kb / 16P
   Inverting Schmitt trigger
More results

Podobny opis - 74HCT1G14GV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHC3G14 NXP-74AHC3G14 Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
   INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
   Inverting Schmitt trigger
Rev. 7-18 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com