Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT1G86GW Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74HCT1G86GW
Szczegółowy opis  2-input EXCLUSIVE-OR gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT1G86GW Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74HCT1G86GW Datasheet HTML 3Page - NXP Semiconductors 74HCT1G86GW Datasheet HTML 4Page - NXP Semiconductors 74HCT1G86GW Datasheet HTML 5Page - NXP Semiconductors 74HCT1G86GW Datasheet HTML 6Page - NXP Semiconductors 74HCT1G86GW Datasheet HTML 7Page - NXP Semiconductors 74HCT1G86GW Datasheet HTML 8Page - NXP Semiconductors 74HCT1G86GW Datasheet HTML 9Page - NXP Semiconductors 74HCT1G86GW Datasheet HTML 10Page - NXP Semiconductors 74HCT1G86GW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1998 Aug 05
7
Philips Semiconductors
Product specification
2-input EXCLUSIVE-OR gate
74HC1G86;
74HCT1G86
AC CHARACTERISTICS FOR 74HC1G86
GND = 0 V; tr =tf = 6.0 ns; CL =50pF.
Note
1. All typical values are measured at Tamb =25 °C.
AC CHARACTERISTICS FOR 74HCT1G86
GND = 0 V; tr =tf = 6.0 ns; CL =50pF.
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
−40 to +85
−40 to +125
VCC (V)
WAVEFORMS
MIN.
TYP.(1)
MAX.
MIN.
MAX.
tPHL/tPLH
propagation delay
inA, inB to outY
22
115
135
ns
2.0
see Figs 5 and 6
11
23
27
ns
4.5
920
23
ns
6.0
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
−40 to +85
−40 to +125
VCC (V)
WAVEFORMS
MIN.
TYP.(1)
MAX.
MIN.
MAX.
tPHL/tPLH
propagation delay
inA, inB to outY
13
23
27
ns
4.5
see Figs 5 and 6


Podobny numer części - 74HCT1G86GW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT1G86GW NXP-74HCT1G86GW Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
74HCT1G86GW NXP-74HCT1G86GW Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Nexperia B.V. All right...
74HCT1G86GW NEXPERIA-74HCT1G86GW Datasheet
208Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 5 - 27 January 2022
74HCT1G86GW-Q100 NEXPERIA-74HCT1G86GW-Q100 Datasheet
684Kb / 12P
   2-input EXCLUSIVE-OR gate
More results

Podobny opis - 74HCT1G86GW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
   2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
   2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
   2-input EXCLUSIVE-OR gate
2002 Jun 06
logo
Renesas Technology Corp
RD74LVC1G86 RENESAS-RD74LVC1G86 Datasheet
2Mb / 8P
   2-input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74ALVC1G86 HITACHI-HD74ALVC1G86 Datasheet
37Kb / 10P
   2-input Exclusive-OR Gate
logo
NXP Semiconductors
74LVC1G86 PHILIPS-74LVC1G86 Datasheet
69Kb / 12P
   2-input EXCLUSIVE-OR gate
2001 Apr 06
74HC1G86 NXP-74HC1G86 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
74LVC1G86 NXP-74LVC1G86 Datasheet
87Kb / 14P
   2-input EXCLUSIVE-OR gate
Rev. 06-18 July 2007
logo
Renesas Technology Corp
HD74LV1G86A RENESAS-HD74LV1G86A_08 Datasheet
110Kb / 8P
   2-input Exclusive-OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com