Zakładka z wyszukiwarką danych komponentów |
|
M4S24HW Arkusz danych(PDF) 2 Page - DB Lectro Inc |
|
M4S24HW Arkusz danych(HTML) 2 Page - DB Lectro Inc |
2 / 2 page Characteristics Electrostatic capacitance Between open Contacts Approx.0.7pF Item 3.41 of IEC255-7 Between coil & Contacts Approx.1.0pF Item 3.41 of IEC255-7 Between Contact Poles Approx.0.9pF Item 3.41 of IEC255-7 Insulation Resistance Dielectric Strength 1000M min (at 500VDC) Item 7 of IEC255-5 Between open Contacts Between coil & Contacts 1000VAC 1min 1000VAC 1min Item 6 of IEC255-5 Item 6 of IEC255-5 Between Contact Poles 1000VAC 1min Item 6 of IEC255-5 Surge Withstand Voltage Between open Contacts Between coil & Contacts Between Contact Poles 1500V 1500V 1500V FCC68 FCC68 FCC68 Shock resistance Functional:100m/s 2 11ms; Survival:1000 m/s 2 6ms IEC68-2-27 Test Ea Vibration resistance 10~55Hz Double amplitude Functional X1.5mm Survival:5mm IEC68-2-6 Test Fc Terminals strength 5N IEC68-2-21 Test Ua1 Solderability 235 x2 3 x0.5s IEC68-2-20 Test Ta method 1 Temperature Range -40~90 (-40~194F) (-40~80 for 0.3W Coil) Mass 4.5g Qualification inspection: Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size24. Safety approvals Safety approval UL&CUR Load 2A/24VDC 0.6A/125VAC Dimensions mm/inch NOTES 1).Dimensions are in millimeter. 2).Inch equivalents are given for general information only. M4S Tolerance: ±0.1/±0.004 Dimensions Mounting (Bottom views) 0.20 0.386 0.01 0.787 0.20 0.787 0.30 0.044 14 6 13 9 11 8 16 0.30 0.031 2,54 0.1 Wiring diagram (Bottom views) www.dblectro.com |
Podobny numer części - M4S24HW |
|
Podobny opis - M4S24HW |