Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT04 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74HCT04
Szczegółowy opis  Hex inverter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT04 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74HCT04 Datasheet HTML 1Page - NXP Semiconductors 74HCT04 Datasheet HTML 2Page - NXP Semiconductors 74HCT04 Datasheet HTML 3Page - NXP Semiconductors 74HCT04 Datasheet HTML 4Page - NXP Semiconductors 74HCT04 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2003 Jul 23
5
Philips Semiconductors
Product specification
Hex inverter
74HC04; 74HCT04
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V).
Notes
1. For DIP14 packages: above 70
°C derate linearly with 12 mW/K.
2. For SO14 packages: above 70
°C derate linearly with 8 mW/K.
For SSOP14 and TSSOP14 packages: above 60
°C derate linearly with 5.5 mW/K.
For DHVQFN14 packages: above 60
°C derate linearly with 4.5 mW/K.
SYMBOL
PARAMETER
CONDITIONS
74HC04
74HCT04
UNIT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
VCC
supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
input voltage
0
VCC
0
VCC
V
VO
output voltage
0
VCC
0
VCC
V
Tamb
ambient temperature
see DC and AC
characteristics per
device
−40
+25
+125
−40
+25
+125
°C
tr, tf
input rise and fall times
VCC = 2.0 V
−−
1000
−−−
ns
VCC = 4.5 V
6.0
500
6.0
500
ns
VCC = 6.0 V
−−
400
−−−
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.5
+7.0
V
IIK
input diode current
VI < −0.5 V or VI >VCC + 0.5 V
−±20
mA
IOK
output diode current
VO < −0.5 V or VO >VCC + 0.5 V
−±20
mA
IO
output source or sink
current
−0.5V<VO <VCC + 0.5 V
−±25
mA
ICC, IGND
VCC or GND current
−±50
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation
DIP14 package
Tamb = −40 to +125 °C; note 1
750
mW
other packages
Tamb = −40 to +125 °C; note 2
500
mW


Podobny numer części - 74HCT04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
System Logic Semiconduc...
74HCT04 SLS-74HCT04 Datasheet
33Kb / 4P
   Hex Inverter(High-Performance Silicon-Gate CMOS)
logo
NXP Semiconductors
74HCT04 PHILIPS-74HCT04 Datasheet
109Kb / 20P
   Hex inverter
2003 Jul 23
logo
ON Semiconductor
74HCT04 ONSEMI-74HCT04 Datasheet
125Kb / 7P
   Hex Inverter With LSTTL?묬ompatible Inputs High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
logo
Diodes Incorporated
74HCT04 DIODES-74HCT04 Datasheet
285Kb / 8P
   HEX INVERTERS
logo
NXP Semiconductors
74HCT04 PHILIPS-74HCT04 Datasheet
132Kb / 17P
   Hex inverter
Rev. 4-3 August 2012
More results

Podobny opis - 74HCT04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com