Zakładka z wyszukiwarką danych komponentów |
|
74HCT112 Arkusz danych(PDF) 4 Page - NXP Semiconductors |
|
74HCT112 Arkusz danych(HTML) 4 Page - NXP Semiconductors |
4 / 15 page 1998 Jun 10 4 Philips Semiconductors Product specification Dual JK flip-flop with set and reset; negative-edge trigger 74HC/HCT112 Fig.4 Functional diagram. FUNCTION TABLE Note 1. If nSD and nRD simultaneously go from LOW to HIGH, the output states will be unpredictable. H = HIGH voltage level h = HIGH voltage level one set-up time prior to the HIGH-to-LOW CP transition L = LOW voltage level l = LOW voltage level one set-up time prior to the HIGH-to-LOW CP transition q = lower case letters indicate the state of the referenced output one set-up time prior to the HIGH-to-LOW CP transition X = don’t care ↓ = HIGH-to-LOW CP transition OPERATING MODE INPUTS OUTPUTS nSD nRD nCP nJ nK nQ nQ asynchronous set L H X X X H L asynchronous reset H L X X X L H undetermined L L X X X H L toggle H H ↓ hh qq load “0” (reset) H H ↓ lh L H load “1” (set) H H ↓ hl H L hold “no change” H H ↓ ll q q Fig.5 Logic diagram (one flip-flop). |
Podobny numer części - 74HCT112 |
|
Podobny opis - 74HCT112 |