Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT112 Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części 74HCT112
Szczegółowy opis  Dual JK flip-flop with set and reset; negative-edge trigger
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT112 Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button 74HCT112 Datasheet HTML 7Page - NXP Semiconductors 74HCT112 Datasheet HTML 8Page - NXP Semiconductors 74HCT112 Datasheet HTML 9Page - NXP Semiconductors 74HCT112 Datasheet HTML 10Page - NXP Semiconductors 74HCT112 Datasheet HTML 11Page - NXP Semiconductors 74HCT112 Datasheet HTML 12Page - NXP Semiconductors 74HCT112 Datasheet HTML 13Page - NXP Semiconductors 74HCT112 Datasheet HTML 14Page - NXP Semiconductors 74HCT112 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
1998 Jun 10
11
Philips Semiconductors
Product specification
Dual JK flip-flop with set and reset;
negative-edge trigger
74HC/HCT112
UNIT
A1
A2
A3
bp
cD (1)
E (1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.21
0.05
1.80
1.65
0.25
0.38
0.25
0.20
0.09
6.4
6.0
5.4
5.2
0.65
1.25
7.9
7.6
1.03
0.63
0.9
0.7
1.00
0.55
8
0
o
o
0.13
0.2
0.1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
SOT338-1
94-01-14
95-02-04
(1)
w M
bp
D
HE
E
Z
e
c
v M A
X
A
y
1
8
16
9
θ
A
A1
A2
L p
Q
detail X
L
(A )
3
MO-150AC
pin 1 index
0
2.5
5 mm
scale
SSOP16: plastic shrink small outline package; 16 leads; body width 5.3 mm
SOT338-1
A
max.
2.0


Podobny numer części - 74HCT112

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74HCT112 NEXPERIA-74HCT112 Datasheet
267Kb / 16P
   Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
74HCT112D NEXPERIA-74HCT112D Datasheet
267Kb / 16P
   Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
74HCT112PW NEXPERIA-74HCT112PW Datasheet
267Kb / 16P
   Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
More results

Podobny opis - 74HCT112

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74HCT112 NEXPERIA-74HCT112 Datasheet
267Kb / 16P
   Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
74HCT107-Q100 NEXPERIA-74HCT107-Q100 Datasheet
259Kb / 15P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 3 - 7 July 2021
logo
NXP Semiconductors
74HC73 NXP-74HC73 Datasheet
457Kb / 16P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 04-19 March 2008
74HC73 PHILIPS-74HC73 Datasheet
52Kb / 7P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 03-12 November 2004
74LV107 PHILIPS-74LV107 Datasheet
121Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
logo
Nexperia B.V. All right...
74HC73-Q100 NEXPERIA-74HC73-Q100 Datasheet
221Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 1 - 4 December 2020
74HC73 NEXPERIA-74HC73 Datasheet
245Kb / 13P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 7 - 13 September 2021
74HCT107 NEXPERIA-74HCT107 Datasheet
259Kb / 15P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 6 - 7 July 2021
logo
NXP Semiconductors
74HC107 PHILIPS-74HC107 Datasheet
53Kb / 7P
   Dual JK flip-flop with reset; negative-edge trigger
December 1990
logo
Nexperia B.V. All right...
74HC107-Q100 NEXPERIA-74HC107-Q100 Datasheet
747Kb / 17P
   Dual JK flip-flop with reset; negative-edge trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com