Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54ACTQ541E-QMLV Arkusz danych(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części 54ACTQ541E-QMLV
Szczegółowy opis  Octal Buffer/Line Driver with TRI-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ541E-QMLV Arkusz danych(HTML) 3 Page - National Semiconductor (TI)

  54ACTQ541E-QMLV Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ541E-QMLV Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ541E-QMLV Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ541E-QMLV Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ541E-QMLV Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ541E-QMLV Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ541E-QMLV Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MICROCIRCUIT DATA SHEET
MV54ACTQ541-X REV 0A0
(Absolute Maximum Ratings)
(Note 1)
Supply Voltage (Vcc)
-0.5V to +7.0V
DC Input Diode Current (Iik)
-20 mA
Vi = -0.5V
+20 mA
Vi = Vcc +0.5V
DC Input Voltage (Vi)
-0.5V to Vcc +0.5V
DC Output Diode Current (Iok)
-20 mA
Vo = -0.5V
+20 mA
Vo = Vcc +0.5V
DC Output Voltage (Vo)
-0.5V to Vcc +0.5V
DC Output Source or Sink Current (Io)
+50 mA
DC Vcc or Ground Current per Output Pin (Icc or Ignd)
+50 mA
Storage Temperature (Tstg)
-65 C to +150 C
DC Latch-Up Source or Sink Current
+300 mA
Junction Temperature (Tj)
175 C
Thermal Resistance, junction-to-case (jc)
see Mil-Std 1835
Maximum Power Dissipation (pd)
500 mW
Lead Temperature
+300 C
soldering, 10 seconds
Note 1:
Absolute maximum ratings are those values beyond which damage to the device may
occur.
The databook specifications should be met, without exception, to ensure that
the system design is reliable over its power supply, temperature, and output/input
loading variables.
National does not recommend operation of FACT TM circuits outside
databook specifications.
Recommended Operating Conditions
Supply Voltage (Vcc)
4.5V to 5.5V
Input Voltage (Vi)
0V to Vcc
Output Voltage (Vo)
0V to Vcc
Minimum Input Edge Rate Delta V/Delta T
ACTQ Devices
Vin from 0.8V to 2.0V
125 mV/ns
Vc @ 4.5V, 5.5V
Operating Temperature (ta)
-55 C to +125 C
Maximum High Level Output Current (Ioh)
-24 mA
Maximum Low Level Output Current (Iol)
+24 mA
3


Podobny numer części - 54ACTQ541E-QMLV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54ACTQ541 NSC-54ACTQ541 Datasheet
117Kb / 6P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Podobny opis - 54ACTQ541E-QMLV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC541 NSC-54AC541 Datasheet
124Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT240 NSC-54FCT240 Datasheet
129Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT540 NSC-54FCT540 Datasheet
125Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT541 NSC-54FCT541 Datasheet
131Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541 NSC-54ABT541 Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Texas Instruments
5962-86716012A TI-5962-86716012A Datasheet
111Kb / 5P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT244 TI1-54ABT244_13 Datasheet
306Kb / 10P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com