Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK672-330 Arkusz danych(PDF) 11 Page - Sanyo Semicon Device

Numer części STK672-330
Szczegółowy opis  Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-330 Arkusz danych(HTML) 11 Page - Sanyo Semicon Device

Back Button STK672-330 Datasheet HTML 3Page - Sanyo Semicon Device STK672-330 Datasheet HTML 4Page - Sanyo Semicon Device STK672-330 Datasheet HTML 5Page - Sanyo Semicon Device STK672-330 Datasheet HTML 6Page - Sanyo Semicon Device STK672-330 Datasheet HTML 7Page - Sanyo Semicon Device STK672-330 Datasheet HTML 8Page - Sanyo Semicon Device STK672-330 Datasheet HTML 9Page - Sanyo Semicon Device STK672-330 Datasheet HTML 10Page - Sanyo Semicon Device STK672-330 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
PS No. 7304-11/11
STK672-330
This catalog provides information as of March, 2003. Specifications and information herein are subject to
change without notice.
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees
of the performance, characteristics, and functions of the described products as mounted in the customer’s
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer’s products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could
give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire,
or that could cause damage to other property. When designing equipment, adopt safety measures so
that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective
circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products (including technical data, services) described or contained
herein are controlled under any of applicable local export control laws and regulations, such products must
not be exported without obtaining the export license from the authorities concerned in accordance with the
above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the “Delivery Specification”
for the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but
no guarantees are made or implied regarding its use or any infringements of intellectual property rights
or other rights of third parties.
3.0
2.5
2.0
1.5
1.0
0.5
0
0
10
20
30
40
50
60
70
80
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
0.5
1.0
1.5
2.0
2.5
3.0
10
20
30
40
50
60
70
80
90
100 110
ITF02176
ITF02177
ITF02178
Figure 3
Figure 5
200 Hz, 2 phase excitation
VCC = 24 V, VDD = 5.0 V
500 Hz, 2 phase excitation
Motor R = 0.63
I = 0.62 mH
The data are peak values.
Hold mode
Figure 4
IOH — Tc
∆Tc — PD
PD — IOH
Operating Substrate Temperature, Tc —
°C
Hybrid IC internal average power dissipation, PD — W
Motor current, IOH — °C


Podobny numer części - STK672-330

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
STK672-340-E SANYO-STK672-340-E Datasheet
116Kb / 13P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (External-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.2A
logo
ON Semiconductor
STK672-340-E ONSEMI-STK672-340-E Datasheet
100Kb / 13P
   Unipolar Fixed-Current Chopper
June, 2013
More results

Podobny opis - STK672-330

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
STK672-110 SANYO-STK672-110 Datasheet
134Kb / 9P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
STK672-120 SANYO-STK672-120 Datasheet
141Kb / 9P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 2.4 A
STK672-210 SANYO-STK672-210 Datasheet
90Kb / 8P
   Two-Phase Stepping Motor Driver Output Current: 1.4 A
STK673-010 SANYO-STK673-010 Datasheet
336Kb / 16P
   3-Phase Stepping Motor Driver(sine wave drive) Output Current 2.4A
logo
ON Semiconductor
STK672-210-E ONSEMI-STK672-210-E Datasheet
98Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
STK672-220-E ONSEMI-STK672-220-E Datasheet
100Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
logo
Sanyo Semicon Device
STK672-080 SANYO-STK672-080 Datasheet
221Kb / 17P
   Stepping Motor Driver (Sine Wave Drive) Output Current : 2.8 A (No Heat Sink)
logo
Hitachi Semiconductor
HA13475MP HITACHI-HA13475MP Datasheet
63Kb / 3P
   TWO PHASE STEPPING MOTOR DRIVER
logo
ON Semiconductor
STK672-110-E ONSEMI-STK672-110-E Datasheet
84Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
STK672-120-E ONSEMI-STK672-120-E Datasheet
85Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com