Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT109D Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części 74HCT109D
Szczegółowy opis  Dual JK flip-flop with set and reset; positive-edge trigger
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT109D Arkusz danych(HTML) 8 Page - NXP Semiconductors

  74HCT109D Datasheet HTML 1Page - NXP Semiconductors 74HCT109D Datasheet HTML 2Page - NXP Semiconductors 74HCT109D Datasheet HTML 3Page - NXP Semiconductors 74HCT109D Datasheet HTML 4Page - NXP Semiconductors 74HCT109D Datasheet HTML 5Page - NXP Semiconductors 74HCT109D Datasheet HTML 6Page - NXP Semiconductors 74HCT109D Datasheet HTML 7Page - NXP Semiconductors 74HCT109D Datasheet HTML 8Page - NXP Semiconductors 74HCT109D Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
1997 Nov 25
8
Philips Semiconductors
Product specification
Dual JK flip-flop with set and reset;
positive-edge trigger
74HC/HCT109
SOLDERING
Introduction
There is no soldering method that is ideal for all IC
packages. Wave soldering is often preferred when
through-hole and surface mounted components are mixed
on one printed-circuit board. However, wave soldering is
not always suitable for surface mounted ICs, or for
printed-circuits with high population densities. In these
situations reflow soldering is often used.
This text gives a very brief insight to a complex technology.
A more in-depth account of soldering ICs can be found in
our
“IC Package Databook” (order code 9398 652 90011).
DIP
SOLDERING BY DIPPING OR BY WAVE
The maximum permissible temperature of the solder is
260
°C; solder at this temperature must not be in contact
with the joint for more than 5 seconds. The total contact
time of successive solder waves must not exceed
5 seconds.
The device may be mounted up to the seating plane, but
the temperature of the plastic body must not exceed the
specified maximum storage temperature (Tstg max). If the
printed-circuit board has been pre-heated, forced cooling
may be necessary immediately after soldering to keep the
temperature within the permissible limit.
REPAIRING SOLDERED JOINTS
Apply a low voltage soldering iron (less than 24 V) to the
lead(s) of the package, below the seating plane or not
more than 2 mm above it. If the temperature of the
soldering iron bit is less than 300
°C it may remain in
contact for up to 10 seconds. If the bit temperature is
between 300 and 400
°C, contact may be up to 5 seconds.
SO, SSOP and TSSOP
REFLOW SOLDERING
Reflow soldering techniques are suitable for all SO, SSOP
and TSSOP packages.
Reflow soldering requires solder paste (a suspension of
fine solder particles, flux and binding agent) to be applied
to the printed-circuit board by screen printing, stencilling or
pressure-syringe dispensing before package placement.
Several techniques exist for reflowing; for example,
thermal conduction by heated belt. Dwell times vary
between 50 and 300 seconds depending on heating
method.
Typical reflow temperatures range from 215 to 250
°C.
Preheating is necessary to dry the paste and evaporate
the binding agent. Preheating duration: 45 minutes at
45
°C.
WAVE SOLDERING
Wave soldering can be used for all SO packages. Wave
soldering is not recommended for SSOP and TSSOP
packages, because of the likelihood of solder bridging due
to closely-spaced leads and the possibility of incomplete
solder penetration in multi-lead devices.
If wave soldering is used - and cannot be avoided for
SSOP and TSSOP packages - the following conditions
must be observed:
• A double-wave (a turbulent wave with high upward
pressure followed by a smooth laminar wave) soldering
technique should be used.
• The longitudinal axis of the package footprint must be
parallel to the solder flow and must incorporate solder
thieves at the downstream end.
Even with these conditions:
• Only consider wave soldering SSOP packages that
have a body width of 4.4 mm, that is
SSOP16 (SOT369-1) or SSOP20 (SOT266-1).
• Do not consider wave soldering TSSOP packages
with 48 leads or more, that is TSSOP48 (SOT362-1)
and TSSOP56 (SOT364-1).
During placement and before soldering, the package must
be fixed with a droplet of adhesive. The adhesive can be
applied by screen printing, pin transfer or syringe
dispensing. The package can be soldered after the
adhesive is cured.
Maximum permissible solder temperature is 260
°C, and
maximum duration of package immersion in solder is
10 seconds, if cooled to less than 150
°C within
6 seconds. Typical dwell time is 4 seconds at 250
°C.
A mildly-activated flux will eliminate the need for removal
of corrosive residues in most applications.
REPAIRING SOLDERED JOINTS
Fix the component by first soldering two diagonally-
opposite end leads. Use only a low voltage soldering iron
(less than 24 V) applied to the flat part of the lead. Contact
time must be limited to 10 seconds at up to 300
°C. When
using a dedicated tool, all other leads can be soldered in
one operation within 2 to 5 seconds between
270 and 320
°C.


Podobny numer części - 74HCT109D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74HCT109D NEXPERIA-74HCT109D Datasheet
271Kb / 16P
   Dual JK flip-flop with set and reset; positive-edge-trigger
Rev. 5 - 5 August 2021
74HCT109D-Q100 NEXPERIA-74HCT109D-Q100 Datasheet
799Kb / 17P
   Dual JK flip-flop with set and reset; positive-edge-trigger
74HCT109D-Q100 NEXPERIA-74HCT109D-Q100 Datasheet
257Kb / 16P
   Dual JK flip-flop with set and reset; positive-edge-trigger
Rev. 2 - 1 April 2020
More results

Podobny opis - 74HCT109D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74HCT109 NEXPERIA-74HCT109 Datasheet
271Kb / 16P
   Dual JK flip-flop with set and reset; positive-edge-trigger
Rev. 5 - 5 August 2021
74HCT109-Q100 NEXPERIA-74HCT109-Q100 Datasheet
257Kb / 16P
   Dual JK flip-flop with set and reset; positive-edge-trigger
Rev. 2 - 1 April 2020
logo
NXP Semiconductors
74LV109 PHILIPS-74LV109 Datasheet
124Kb / 12P
   Dual JK flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74LVC109 PHILIPS-74LVC109 Datasheet
103Kb / 10P
   Dual JK flip-flop with set and reset; positive-edge trigger
1998 Apr 28
logo
Nexperia B.V. All right...
74HC109-Q100 NEXPERIA-74HC109-Q100 Datasheet
799Kb / 17P
   Dual JK flip-flop with set and reset; positive-edge-trigger
74HCT112 NEXPERIA-74HCT112 Datasheet
267Kb / 16P
   Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
logo
NXP Semiconductors
74HC112 PHILIPS-74HC112 Datasheet
106Kb / 15P
   Dual JK flip-flop with set and reset; negative-edge trigger
1998 Jun 10
logo
Motorola, Inc
MC74HC76 MOTOROLA-MC74HC76 Datasheet
148Kb / 5P
   Dual JK Flip-Flop With Set and Reset
logo
Texas Instruments
CD54HC74 TI-CD54HC74 Datasheet
43Kb / 8P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset Positive-Edge Trigger
CD54HCT74 TI-CD54HCT74 Datasheet
276Kb / 12P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset Positive-Edge Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com