Zakładka z wyszukiwarką danych komponentów |
|
74HCT132 Arkusz danych(PDF) 4 Page - NXP Semiconductors |
|
74HCT132 Arkusz danych(HTML) 4 Page - NXP Semiconductors |
4 / 8 page September 1993 4 Philips Semiconductors Product specification Quad 2-input NAND Schmitt trigger 74HC/HCT132 DC CHARACTERISTICS FOR 74HC For the DC characteristics see “74HC/HCT/HCU/HCMOS Logic Family Specifications”. Transfer characteristics are given below. Output capability: standard ICC category: SSI Transfer characteristics for 74HC Voltages are referenced to GND (ground = 0 V) AC CHARACTERISTICS FOR 74HC GND = 0 V; tr =tf = 6 ns; CL = 50 pF SYMBOL PARAMETER Tamb (°C) UNIT TEST CONDITIONS 74HC VCC (V) WAVEFORMS +25 −40 to +85 −40 to +125 min. typ. max. min. max. min. max. VT+ positive-going threshold 0.7 1.18 1.5 0.7 1.5 0.7 1.5 V 2.0 Figs 6 and 7 1.7 2.38 3.15 1.7 3.15 1.7 3.15 4.5 2.1 3.14 4.2 2.1 4.2 2.1 4.2 6.0 VT− negative-going threshold 0.3 0.63 1.0 0.3 1.0 0.3 1.0 V 2.0 Figs 6 and 7 0.9 1.67 2.2 0.9 2.2 0.9 2.2 4.5 1.2 2.26 3.0 1.2 3.0 1.2 3.0 6.0 VH hysteresis (VT+ − VT−) 0.2 0.55 1.0 0.2 1.0 0.2 1.0 V 2.0 Figs 6 and 7 0.4 0.71 1.4 0.4 1.4 0.4 1.4 4.5 0.6 0.88 1.6 0.6 1.6 0.6 1.6 6.0 SYMBOL PARAMETER Tamb (°C) UNIT TEST CONDITIONS 74HC VCC (V) WAVEFORMS +25 −40 TO +85 −40 TO +125 min. typ. max. min. max. min. max. tPHL/ tPLH propagation delay nA, nB to nY 36 125 155 190 ns 2.0 Fig.13 13 25 31 38 4.5 10 21 26 32 6.0 tTHL/ tTLH output transition time 19 75 95 110 ns 2.0 Fig.13 7 15 19 22 4.5 6 13 16 19 6.0 |
Podobny numer części - 74HCT132 |
|
Podobny opis - 74HCT132 |