Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT147 Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części 74HCT147
Szczegółowy opis  10-to-4 line priority encoder
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT147 Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button 74HCT147 Datasheet HTML 7Page - NXP Semiconductors 74HCT147 Datasheet HTML 8Page - NXP Semiconductors 74HCT147 Datasheet HTML 9Page - NXP Semiconductors 74HCT147 Datasheet HTML 10Page - NXP Semiconductors 74HCT147 Datasheet HTML 11Page - NXP Semiconductors 74HCT147 Datasheet HTML 12Page - NXP Semiconductors 74HCT147 Datasheet HTML 13Page - NXP Semiconductors 74HCT147 Datasheet HTML 14Page - NXP Semiconductors 74HCT147 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
2003 Oct 30
11
Philips Semiconductors
Product specification
Hex inverting Schmitt trigger
74HC14; 74HCT14
Family 74HCT
At recommended operating conditions: voltages are referenced to GND (ground=0V)
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb =25 °C; note 1
VT+
positive-going threshold
Figs 7 and 8
4.5
1.2
1.41
1.9
V
5.5
1.4
1.59
2.1
V
VT−
negative-going threshold
Figs 7 and 8
4.5
0.5
0.85
1.2
V
5.5
0.6
0.99
1.4
V
VH
hysteresis (VT+ − VT−)
Figs 7 and 8
4.5
0.4
0.56
V
5.5
0.4
0.60
V
Tamb = −40 to +85 °C
VT+
positive-going threshold
Figs 7 and 8
4.5
1.2
1.9
V
5.5
1.4
2.1
V
VT−
negative-going threshold
Figs 7 and 8
4.5
0.5
1.2
V
5.5
0.6
1.4
V
VH
hysteresis (VT+ − VT−)
Figs 7 and 8
4.5
0.4
−−
V
5.5
0.4
−−
V
Tamb = −40 to +125 °C
VT+
positive-going threshold
Figs 7 and 8
4.5
1.2
1.9
V
5.5
1.4
2.1
V
VT−
negative-going threshold
Figs 7 and 8
4.5
0.5
1.2
V
5.5
0.6
1.4
V
VH
hysteresis (VT+ − VT−)
Figs 7 and 8
4.5
0.4
−−
V
5.5
0.4
−−
V


Podobny numer części - 74HCT147

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT147 PHILIPS-74HCT147 Datasheet
43Kb / 7P
   10-TO-4 LINE PRIORITY ENCODER
December 1990
74HCT147N PHILIPS-74HCT147N Datasheet
43Kb / 7P
   10-TO-4 LINE PRIORITY ENCODER
December 1990
More results

Podobny opis - 74HCT147

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
MM54HC147 NSC-MM54HC147 Datasheet
108Kb / 4P
   10-to-4 Line Priority Encoder
logo
Hitachi Semiconductor
HD74HC147 HITACHI-HD74HC147 Datasheet
43Kb / 8P
   10-to-4-line Priority Encoder
logo
Renesas Technology Corp
HD74HC147 RENESAS-HD74HC147 Datasheet
77Kb / 6P
   10-to-4-line Priority Encoder
logo
STMicroelectronics
M54HC147 STMICROELECTRONICS-M54HC147 Datasheet
241Kb / 10P
   10 TO 4 LINE PRIORITY ENCODER
logo
National Semiconductor ...
MM54HCT147 NSC-MM54HCT147 Datasheet
105Kb / 4P
   10-to-4 Line Priority Encoder
logo
NXP Semiconductors
74HC147N PHILIPS-74HC147N Datasheet
43Kb / 7P
   10-TO-4 LINE PRIORITY ENCODER
December 1990
logo
STMicroelectronics
HCC40147B STMICROELECTRONICS-HCC40147B Datasheet
275Kb / 12P
   10 TO 4 LINE BCD PRIORITY ENCODER
logo
Intersil Corporation
CD40147BMS INTERSIL-CD40147BMS Datasheet
81Kb / 8P
   10 Line to 4 Line BCD Priority Encoder
December 1992
logo
Texas Instruments
CD40147B TI-CD40147B Datasheet
436Kb / 10P
[Old version datasheet]   10-LINE TO 4-LINE BCD PRIORITY ENCODER
logo
Intersil Corporation
ACS147MS INTERSIL-ACS147MS Datasheet
39Kb / 2P
   Radiation Hardened 10-to-4 Line Priority Encoder
July 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com