Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WV3HG64M64EEU534D6MG Arkusz danych(PDF) 5 Page - White Electronic Designs Corporation

Numer części WV3HG64M64EEU534D6MG
Szczegółowy opis  512MB - 64Mx64 DDR2 SDRAM UNBUFFERED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WEDC [White Electronic Designs Corporation]
Strona internetowa  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG64M64EEU534D6MG Arkusz danych(HTML) 5 Page - White Electronic Designs Corporation

  WV3HG64M64EEU534D6MG Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG64M64EEU534D6MG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG64M64EEU534D6MG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG64M64EEU534D6MG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG64M64EEU534D6MG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG64M64EEU534D6MG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG64M64EEU534D6MG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG64M64EEU534D6MG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG64M64EEU534D6MG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
WV3HG64M64EEU-D6
December 2005
Rev. 0
ADVANCED
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
OPERATING TEMPERATURE CONDITION
Parameter
Symbol
Rating
Units
Notes
Operating Temperature
TOPER
0ºC to 85ºC
ºC
1, 2
Notes:
1. Operating temperature is the case surface temperature on the center/top side of the DRAM. For the measurement conditions, please refer to JEDEC JESD51.2.
2. At 0 - 85
ºC, operation temperature range, all DRAM specification will be supported.
INPUT DC LOGIC LEVEL
All voltages referenced to VSS
Parameter
Symbol
Min
Max
Units
Input High (Logic 1) Voltage
VIH(DC)
VREF + 0.125
VREF + 0.300
V
Input Low (Logic 0) Voltage
VIL(DC)
-0.300
VREF - 0.125
V
INPUT AC LOGIC LEVEL
All voltages referenced to VSS
Parameter
Symbol
Min
Max
Units
AC Input High (Logic 1) Voltage
VIH(AC)
VREF+ 0.250
V
AC Input Low (Logic 0) Voltage DDR2-400 & DDR2-533
VIL(AC)
VREF - 0.250
V
AC Input Low (Logic 0) Voltage DDR2-667 (TBD), DDR2-800 (TBD)
VIL(AC)
TBD
V
CAPACITANCE
TA = 25°C, f = 1MHz, VCC = VCCQ = 1.8V
Parameter
Symbol
Min
Max
Units
Input Capacitance: (A0 ~ A13, BA0 ~ BA1, RAS#, CAS#, WE#)
CIN1
12
20
pF
Input Capacitance: (CKE0), (ODT0)
CIN2
12
20
pF
Input Capacitance: (CS0#)
CIN3
12
20
pF
Input Capacitance: (CK0, CK0# ~ CK2, CK2#)
CIN4
710
pF
Input Capacitance: (DM0 ~ DM7)
CIN6
6.5
8
pF
Input Capacitance: (DQ0 ~ DQ63)
COUT1
6.5
8
pF


Podobny numer części - WV3HG64M64EEU534D6MG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
White Electronic Design...
WV3HG64M64EEU534D4IMG WEDC-WV3HG64M64EEU534D4IMG Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
WV3HG64M64EEU534D4ISG WEDC-WV3HG64M64EEU534D4ISG Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
WV3HG64M64EEU534D4MG WEDC-WV3HG64M64EEU534D4MG Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
WV3HG64M64EEU534D4SG WEDC-WV3HG64M64EEU534D4SG Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
More results

Podobny opis - WV3HG64M64EEU534D6MG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
White Electronic Design...
WV3HG64M64EEU-D4 WEDC-WV3HG64M64EEU-D4 Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
W3DG6465V-D2 WEDC-W3DG6465V-D2 Datasheet
79Kb / 6P
   512MB - 64Mx64, SDRAM UNBUFFERED
W3DG6465V-D1 WEDC-W3DG6465V-D1 Datasheet
80Kb / 5P
   512MB- 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-AD1 WEDC-WED3DG6466V-AD1 Datasheet
137Kb / 7P
   512MB - 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-D2 WEDC-WED3DG6466V-D2 Datasheet
147Kb / 9P
   512MB -64Mx64, SDRAM UNBUFFERED
WED3DG6466V-D1 WEDC-WED3DG6466V-D1 Datasheet
144Kb / 7P
   512MB -64Mx64 SDRAM UNBUFFERED
W3EG6465S-D3 WEDC-W3EG6465S-D3 Datasheet
180Kb / 11P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6465S-D4 WEDC-W3EG6465S-D4 Datasheet
88Kb / 8P
   512MB- 64Mx64 DDR SDRAM UNBUFFERED
WV3EG64M64ETSU-D3 WEDC-WV3EG64M64ETSU-D3 Datasheet
236Kb / 10P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6464S-JD3 WEDC-W3EG6464S-JD3 Datasheet
293Kb / 12P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com