Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WV3HG64M72EER806D7MG Arkusz danych(PDF) 9 Page - White Electronic Designs Corporation

Numer części WV3HG64M72EER806D7MG
Szczegółowy opis  512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WEDC [White Electronic Designs Corporation]
Strona internetowa  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG64M72EER806D7MG Arkusz danych(HTML) 9 Page - White Electronic Designs Corporation

Back Button WV3HG64M72EER806D7MG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG64M72EER806D7MG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG64M72EER806D7MG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG64M72EER806D7MG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG64M72EER806D7MG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG64M72EER806D7MG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG64M72EER806D7MG Datasheet HTML 9Page - White Electronic Designs Corporation WV3HG64M72EER806D7MG Datasheet HTML 10Page - White Electronic Designs Corporation WV3HG64M72EER806D7MG Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
WV3HG64M72EER-D7
February 2006
Rev. 2
PRELIMINARY
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
3.3 (0.130)
TYP
82.00
(3.228)
FRONT VIEW
30.00 (1.181)
TYP
20.0 (0.787)
TYP
10.0 (0.394)
TYP
1.0 (0.039)
TYP
2.00(0.079) R
X2
1.00 (0.039) R
X2
0.50 (0.02) R
1.80 (0.071) D
X2
6.0 (0.236)
TYP
2.0 (0.079)
TYP
78.0 (3.071)
TYP
PIN 1
PIN 122
42.90 (1.689)
TYP
BACK VIEW
3.6 (0.142) TYP
Detail A
Detail B
33.6 (1.323)
TYP
38.4 (1.512)
TYP
3.2 (0.126)
TYP
3.80 (0.150)
MAX
(1.10) 0.043
PIN 244
PIN 123
Tolerances: + /- 0.13 (0.005) unless otherwise specified.
Detail A
3.60 (0.142)
FULL R
3.80 ±0.10
(0.150 ±0.004)
1.30
(0.051)
1.00 ±0.05
(0.039 ±0.002)
2.55 (0.100)
Detail B
0.45±0.03
(0.018 ±0.001)
0.60
(0.024)
0.25
(0.010) MAX
PACKAGE DIMENSIONS FOR D7
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
ORDERING INFORMATION FOR D7
Part Number
Clock Speed/
Data Rate
CAS Latency
tRCD
tRP
Height*
WV3HG64M72EER806D7xG
400MHz/800Mb/s
6
6
6
30.00mm (1.181") TYP
WV3HG64M72EER665D7xG
333MHz/667Mb/s
5
5
5
30.00mm (1.181") TYP
WV3HG64M72EER534D7xG
266MHz/533Mb/s
4
4
4
30.00mm (1.181") TYP
WV3HG64M72EER403D7xG
200MHz/400Mb/s
3
3
3
30.00mm (1.181") TYP
NOTES:
• Consult Factory for availability of RoHS products. (G = RoHS Compliant)
• Vendor specific part numbers are used to provide memory component source control. The place holder for this is shown as a lower case "x"
in the part numbers above and is to be replaced with respective vendors code. Consult factory for qualified sourcing options.
(M = Micron, S = Samsung & consult factory for others)
• Consult factory for availability of industrial temperature (-40°C to 85°C) option


Podobny numer części - WV3HG64M72EER806D7MG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
White Electronic Design...
WV3HG64M72EER806D6IMG WEDC-WV3HG64M72EER806D6IMG Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
WV3HG64M72EER806D6ISG WEDC-WV3HG64M72EER806D6ISG Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
WV3HG64M72EER806D6MG WEDC-WV3HG64M72EER806D6MG Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
WV3HG64M72EER806D6SG WEDC-WV3HG64M72EER806D6SG Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
More results

Podobny opis - WV3HG64M72EER806D7MG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
White Electronic Design...
W3HG64M72EER-AD7 WEDC-W3HG64M72EER-AD7 Datasheet
195Kb / 14P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
WV3HG64M72EER-D6 WEDC-WV3HG64M72EER-D6 Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG64M72AER-AD6 WEDC-WV3HG64M72AER-AD6 Datasheet
161Kb / 10P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG64M72EEU-PD4 WEDC-WV3HG64M72EEU-PD4 Datasheet
150Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM, UNBUFFERED SO-DIMM, w/PLL
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7263S-D3 WEDC-W3EG7263S-D3 Datasheet
219Kb / 13P
   512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
logo
Elpida Memory
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
EBE51RC4AAFA ELPIDA-EBE51RC4AAFA Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
EBE51RD8AJFA ELPIDA-EBE51RD8AJFA Datasheet
259Kb / 30P
   512MB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com