Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WV3HG64M72EER665D6IMG Arkusz danych(PDF) 5 Page - White Electronic Designs Corporation

Numer części WV3HG64M72EER665D6IMG
Szczegółowy opis  512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WEDC [White Electronic Designs Corporation]
Strona internetowa  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG64M72EER665D6IMG Arkusz danych(HTML) 5 Page - White Electronic Designs Corporation

  WV3HG64M72EER665D6IMG Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG64M72EER665D6IMG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG64M72EER665D6IMG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG64M72EER665D6IMG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG64M72EER665D6IMG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG64M72EER665D6IMG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG64M72EER665D6IMG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG64M72EER665D6IMG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG64M72EER665D6IMG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
WV3HG64M72EER-D6
ADVANCED
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
August 2006
Rev. 1
OPERATING TEMPERATURE CONDITION
Parameter
Symbol
Rating
Units
Notes
Operating Case Temperature (Commercial)
TOPER
0 to +85°C
°C
1, 2
NOTE:
1. Operation temperature is the case surface temperature on the center/top side of the DRAM. For the measurement conditions, please refer to JEDEC JESD51.2
2. At 0 to +85
°C, operation temperature range, all DRAM specification will be supported.
INPUT DC LOGIC LEVEL
All voltages referenced to VSS
Parameter
Symbol
Min
Max
Unit
Input High (Logic 1) Voltage
VIH(DC)
VREF + 0.125
VCC + 0.300
V
Input Low (Logic 0) Voltage
VIL(DC)
- 0.300
VREF - 0.125
V
INPUT AC LOGIC LEVEL
All voltages referenced to VSS
Parameter
Symbol
Min
Max
Unit
AC Input High (Logic 1) Voltage
DDR2-400 & DDR2-533
VIH(AC)
VREF + 0.250
-
V
AC Input High (Logic 1) Voltage
DDR2-667
VIH(AC)
VREF + 0.200
-
V
AC Input High (Logic 0) Voltage
DDR2-400 & DDR2-533
VIL(AC)
-
VREF - 0.250
V
AC Input High (Logic 0) Voltage
DDR2-667
VIL(AC)
-
VREF - 0.200
V


Podobny numer części - WV3HG64M72EER665D6IMG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
White Electronic Design...
WV3HG64M72EER665D7MG WEDC-WV3HG64M72EER665D7MG Datasheet
181Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG64M72EER665D7SG WEDC-WV3HG64M72EER665D7SG Datasheet
181Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
More results

Podobny opis - WV3HG64M72EER665D6IMG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
White Electronic Design...
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG64M72EER-D7 WEDC-WV3HG64M72EER-D7 Datasheet
181Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG64M72AER-AD6 WEDC-WV3HG64M72AER-AD6 Datasheet
161Kb / 10P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL
W3HG64M72EER-AD7 WEDC-W3HG64M72EER-AD7 Datasheet
195Kb / 14P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
WV3HG64M72EEU-PD4 WEDC-WV3HG64M72EEU-PD4 Datasheet
150Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM, UNBUFFERED SO-DIMM, w/PLL
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7263S-D3 WEDC-W3EG7263S-D3 Datasheet
219Kb / 13P
   512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
logo
Elpida Memory
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
EBE51RC4AAFA ELPIDA-EBE51RC4AAFA Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
EBE51RD8AJFA ELPIDA-EBE51RD8AJFA Datasheet
259Kb / 30P
   512MB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com