Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WV3HG64M72EER665D6SG Arkusz danych(PDF) 1 Page - White Electronic Designs Corporation

Numer części WV3HG64M72EER665D6SG
Szczegółowy opis  512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WEDC [White Electronic Designs Corporation]
Strona internetowa  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG64M72EER665D6SG Arkusz danych(HTML) 1 Page - White Electronic Designs Corporation

  WV3HG64M72EER665D6SG Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG64M72EER665D6SG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG64M72EER665D6SG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG64M72EER665D6SG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG64M72EER665D6SG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG64M72EER665D6SG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG64M72EER665D6SG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG64M72EER665D6SG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG64M72EER665D6SG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
WV3HG64M72EER-D6
August 2006
Rev. 1
ADVANCED*
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
512MB – 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
DESCRIPTION
The WV3HG64M72EER is a 64Mx72 Double Data
Rate DDR2 SDRAM high density module. This memory
module consists of nine 64Mx8 bit with 4 banks DDR2
Synchronous DRAMs in FBGA packages, mounted on a
240-pin DIMM FR4 substrate.
* This product is under development, is not qualified or characterized and is subject to
change or cancellation without notice.
NOTE: Consult factory for availability of:
• Vendor source control options
• Industrial temperature option
FEATURES
Registered 240-pin, dual in-line memory module
Fast data transfer rates: PC2-6400*, PC2-5300*,
PC2-4200 and PC2-3200
Utilizes 800*, 667*, 533 and 400 MT/s DDR2
SDRAM components
VCC = VCCQ = 1.8V ± 0.1V
VCCSPD = 1.7V to 3.6V
JEDEC standard 1.8V I/O (SSTL_18-compatible)
Differential data strobe (DQS, DQS#) option
Four-bit prefetch architecture
Multiple internal device banks for concurrent
operation
Supports duplicate output strobe (RDQS/RDQS#)
Write Latency = Read Latency 1tck
Programmable CAS# latency (CL): 3, 4, 5* and 6*
Adjustable data-output drive strength
On-die termination (ODT)
7.8µs average periodic refresh interval
Posted CAS# latency: 0, 1, 2, 3 and 4
Serial Presence Detect (SPD) with EEPROM
Auto & Self Refresh (8k/64ms refresh)
Gold edge contacts
RoHS compliant
Package option
• 240 Pin DIMM
• PCB – 30.00mm (1.181") TYP
OPERATING FREQUENCIES
PC2-3200
PC2-4200
PC2-5300*
PC2-6400*
Clock Speed
200MHz
266MHz
333MHz
400MHz
CL-tRCD-tRP
3-3-3
4-4-4
5-5-5
6-6-6
* Consult factory for availability


Podobny numer części - WV3HG64M72EER665D6SG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
White Electronic Design...
WV3HG64M72EER665D7MG WEDC-WV3HG64M72EER665D7MG Datasheet
181Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG64M72EER665D7SG WEDC-WV3HG64M72EER665D7SG Datasheet
181Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
More results

Podobny opis - WV3HG64M72EER665D6SG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
White Electronic Design...
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG64M72EER-D7 WEDC-WV3HG64M72EER-D7 Datasheet
181Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG64M72AER-AD6 WEDC-WV3HG64M72AER-AD6 Datasheet
161Kb / 10P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL
W3HG64M72EER-AD7 WEDC-W3HG64M72EER-AD7 Datasheet
195Kb / 14P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
WV3HG64M72EEU-PD4 WEDC-WV3HG64M72EEU-PD4 Datasheet
150Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM, UNBUFFERED SO-DIMM, w/PLL
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7263S-D3 WEDC-W3EG7263S-D3 Datasheet
219Kb / 13P
   512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
logo
Elpida Memory
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
EBE51RC4AAFA ELPIDA-EBE51RC4AAFA Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
EBE51RD8AJFA ELPIDA-EBE51RD8AJFA Datasheet
259Kb / 30P
   512MB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com