Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WV3HG64M72EER806D6ISG Arkusz danych(PDF) 8 Page - White Electronic Designs Corporation

Numer części WV3HG64M72EER806D6ISG
Szczegółowy opis  512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WEDC [White Electronic Designs Corporation]
Strona internetowa  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG64M72EER806D6ISG Arkusz danych(HTML) 8 Page - White Electronic Designs Corporation

Back Button WV3HG64M72EER806D6ISG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG64M72EER806D6ISG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG64M72EER806D6ISG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG64M72EER806D6ISG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG64M72EER806D6ISG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG64M72EER806D6ISG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG64M72EER806D6ISG Datasheet HTML 9Page - White Electronic Designs Corporation WV3HG64M72EER806D6ISG Datasheet HTML 10Page - White Electronic Designs Corporation WV3HG64M72EER806D6ISG Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
WV3HG64M72EER-D6
ADVANCED
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
August 2006
Rev. 1
AC TIMING PARAMETERS (cont'd)
AC CHARACTERISTICS
806
665
534
403
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
ACTIVE to ACTIVE (same bank) command
tRC
TBD
TBD
55
55
55
ns
ACTIVE bank a to ACTIVE bank b command
tRRD
TBD
TBD
7.5
7.5
7.5
ns
ACTIVE to READ or WRITE delay
tRCD
TBD
TBD
15
15
15
ns
Four Bank Activate period
tFAW
TBD
TBD
37.5
37.5
37.5
37.5
37.5
37.5
ns
ACTIVE to PRECHARGE command
tRAS
TBD
TBD
40
70,000
40
70,000
40
70,000
ns
Internal READ to precharge command delay
tRTP
TBD
TBD
7.5
7.5
7.5
ns
Write recovery time
tWR
TBD
TBD
15
15
15
ns
Auto precharge write recovery + precharge
time
tDAL
TBD
TBD
tWR+tRP
tWR+tRP
tWR+tRP
ns
Internal WRITE to READ command delay
tWTR
TBD
TBD
7.5
7.5
7.5
ns
PRECHARGE command period
tRP
TBD
TBD
15
15
15
ns
PRECHARGE ALL command period
tRPA
TBD
TBD
tRP+tCK
tRP+tCK
tRP+tCK
ns
LOAD MODE command cycle time
tMRD
TBD
TBD
22
2
tCK
CKE low to CK,CK# uncertainty
tDELAY
TBD
TBD
tIS+tCK
tIH
tIS+tCK
tIH
tIS+tCK
tIH
ns
REFRESH to Active of Refresh to Refresh
command interfal
tRFC
TBD
TBD
127.5
70,000
127.5
70,000
127.5
70,000
ns
Average periodic refresh interval
tREFI
TBD
TBD
7.8
7.8
7.8
µs
Exit self refresh to non-READ command
tXSNR
TBD
TBD
tRFC(MIN)
+10
tRFC(MIN)
+10
tRFC(MIN)
+10
ns
Exit self refresh to READ command
tXSRD
TBD
TBD
200
200
200
tCK
Exit self refresh timing reference
tISXR
TBD
TBD
tIS
tIS
tIS
ps
ODT turn-on delay
tAOND
TBD
TBD
2
22222
tCK
ODT turn-on
tAON
TBD
TBD
tAC(MIN)
tAC(MAX)
+1000
tAC(MIN)
tAC(MAX)
+1000
tAC(MIN)
tAC(MAX)
+1000
ps
ODT turn-off delay
tAOFD
TBD
TBD
2.5
2.5
2.5
2.5
2.5
2.5
tCK
ODT turn-off
tAOF
TBD
TBD
tAC(MIN)
tAC(MAX)
+600
tAC(MIN)
tAC(MAX)
+600
tAC(MIN)
tAC(MAX)
+600
ps
ODT turn-on (power-down mode)
tAONPD
TBD
TBD
tAC(MIN)
+2000
2 x tCK+
tAC(MAX)
+1000
tAC(MIN)
+2000
2 x tCK+
tAC(MAX)
+1000
tAC(MIN)
+2000
2 x tCK+
tAC(MAX)
+1000
ps
ODT turn-off (power-down mode)
tAOFPD
TBD
TBD
tAC(MIN)
+2000
2.5 x
tCK+
tAC(MAX)
+1000
tAC(MIN)
+2000
2.5 x
tCK+
tAC(MAX)
+1000
tAC(MIN)
+2000
2.5 x
tCK+
tAC(MAX)
+1000
ps
ODT to power-down entry latency
tANPD
TBD
TBD
33
3
tCK
ODT power-down exit latency
tAXPD
TBD
TBD
88
8
tCK
Exit active power-down to READ command,
MR[bit12=0]
tXARD
TBD
TBD
22
2
tCK
Exit active power-down to READ command,
MR[bit12=1]
tXARDS
TBD
TBD
7-AL
6-AL
6-AL
tCK
A Exit precharge power-down to any non-
READ command.
tXP
TBD
TBD
22
2
tCK
CKE minimum high/low time
tCKE
TBD
TBD
33
3
tCK
* AC specification is based on
SAMSUNG components. Other DRAM manufactures specification may be different.


Podobny numer części - WV3HG64M72EER806D6ISG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
White Electronic Design...
WV3HG64M72EER806D7MG WEDC-WV3HG64M72EER806D7MG Datasheet
181Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG64M72EER806D7SG WEDC-WV3HG64M72EER806D7SG Datasheet
181Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
More results

Podobny opis - WV3HG64M72EER806D6ISG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
White Electronic Design...
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG64M72EER-D7 WEDC-WV3HG64M72EER-D7 Datasheet
181Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG64M72AER-AD6 WEDC-WV3HG64M72AER-AD6 Datasheet
161Kb / 10P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL
W3HG64M72EER-AD7 WEDC-W3HG64M72EER-AD7 Datasheet
195Kb / 14P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
WV3HG64M72EEU-PD4 WEDC-WV3HG64M72EEU-PD4 Datasheet
150Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM, UNBUFFERED SO-DIMM, w/PLL
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7263S-D3 WEDC-W3EG7263S-D3 Datasheet
219Kb / 13P
   512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
logo
Elpida Memory
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
EBE51RC4AAFA ELPIDA-EBE51RC4AAFA Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
EBE51RD8AJFA ELPIDA-EBE51RD8AJFA Datasheet
259Kb / 30P
   512MB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com