Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WV3HG64M72EEU806PD4SG Arkusz danych(PDF) 9 Page - White Electronic Designs Corporation

Numer części WV3HG64M72EEU806PD4SG
Szczegółowy opis  512MB - 64Mx72 DDR2 SDRAM, UNBUFFERED SO-DIMM, w/PLL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WEDC [White Electronic Designs Corporation]
Strona internetowa  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG64M72EEU806PD4SG Arkusz danych(HTML) 9 Page - White Electronic Designs Corporation

Back Button WV3HG64M72EEU806PD4SG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG64M72EEU806PD4SG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG64M72EEU806PD4SG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG64M72EEU806PD4SG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG64M72EEU806PD4SG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG64M72EEU806PD4SG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG64M72EEU806PD4SG Datasheet HTML 9Page - White Electronic Designs Corporation WV3HG64M72EEU806PD4SG Datasheet HTML 10Page - White Electronic Designs Corporation WV3HG64M72EEU806PD4SG Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
WV3HG64M72EEU-PD4
May 2006
Rev. 2
ADVANCED
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
3.302 (0.130)
MAX
1.10 (0.043)
0.90 (0.035)
PIN 1
67.75 (2.667)
67.45 (2.656)
20.00 (0.787)
TYP
1.80 (0.071)
(2X)
0.60 (0.024)
TYP
0.45 (0.018)
TYP
PIN 199
PIN 200
PIN 2
FRONT VIEW
2.15 (0.085)
6.00 (0.236)
63.60 (2.504)
2.55 (0.100)
1.00 (0.039)
TYP
TYP
BACK VIEW
30.15 (1.187)
29.85 (1.175)
47.40 (1.866)
TYP
11.40 (0.449)
TYP
4.2 (0.165)
TYP
4.10(0.161) (2X)
3.90(0.154)
PACKAGE DIMENSIONS FOR PD4
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
Tolerances: ±0.13 (0.005) unless otherwise specified
ORDERING INFORMATION FOR PD4
Part Number
Speed/Data Rate
Frequency
CAS
Latency
tRCD
tRP
Height*
WV3HG64M72EEU806PD4xxG**
400MHz/800Mb/s
6
6
6
30.00mm (1.181") TYP
WV3HG64M72EEU665PD4xxG**
333MHz/667Mb/s
5
5
5
30.00mm (1.181") TYP
WV3HG64M72EEU534PD4xxG
266MHz/533Mb/s
4
4
4
30.00mm (1.181") TYP
WV3HG64M72EEU403PD4xxG
200MHz/400Mb/s
3
3
3
30.00mm (1.181") TYP
** Consult factory for availability
NOTES:
• RoHS compliant product (G = RoHS Compliant)
• Vendor specific part numbers are used to provide memory components source control. The place holder for this is shown as lower case “x” in the part numbers above and is to be
replaced with the respective vendors code. Consult factory for qualified sourcing options. (M = Micron, S = Samsung & consult factory for others)
• Consult factory for availability of industrial temperature (-40°C to 85°C) option


Podobny numer części - WV3HG64M72EEU806PD4SG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
White Electronic Design...
WV3HG64M72EER-D6 WEDC-WV3HG64M72EER-D6 Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
WV3HG64M72EER-D7 WEDC-WV3HG64M72EER-D7 Datasheet
181Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG64M72EER403D6IMG WEDC-WV3HG64M72EER403D6IMG Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
WV3HG64M72EER403D6ISG WEDC-WV3HG64M72EER403D6ISG Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
More results

Podobny opis - WV3HG64M72EEU806PD4SG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
White Electronic Design...
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG64M72EER-D6 WEDC-WV3HG64M72EER-D6 Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
WED3DG7266V-D1 WEDC-WED3DG7266V-D1 Datasheet
120Kb / 7P
   512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
WV3HG64M72EER-D7 WEDC-WV3HG64M72EER-D7 Datasheet
181Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG64M72AER-AD6 WEDC-WV3HG64M72AER-AD6 Datasheet
161Kb / 10P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL
W3HG64M72EER-AD7 WEDC-W3HG64M72EER-AD7 Datasheet
195Kb / 14P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
WV3HG64M64EEU-D4 WEDC-WV3HG64M64EEU-D4 Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
WV3HG128M72EEU-PD4 WEDC-WV3HG128M72EEU-PD4 Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
logo
Elpida Memory
EBE51UD8AGWA ELPIDA-EBE51UD8AGWA Datasheet
245Kb / 25P
   512MB Unbuffered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com