Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WV3HG264M72EEU665PD4MG Arkusz danych(PDF) 3 Page - White Electronic Designs Corporation

Numer części WV3HG264M72EEU665PD4MG
Szczegółowy opis  1GB - 2x64Mx72 DDR2 SDRAM UDIMM, SO-DIMM w/PLL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WEDC [White Electronic Designs Corporation]
Strona internetowa  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG264M72EEU665PD4MG Arkusz danych(HTML) 3 Page - White Electronic Designs Corporation

  WV3HG264M72EEU665PD4MG Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG264M72EEU665PD4MG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG264M72EEU665PD4MG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG264M72EEU665PD4MG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG264M72EEU665PD4MG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG264M72EEU665PD4MG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG264M72EEU665PD4MG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG264M72EEU665PD4MG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG264M72EEU665PD4MG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
WV3HG264M72EEU-PD4
April 2006
Rev. 2
ADVANCED
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
FUNCTIONAL BLOCK DIAGRAM
A0
Serial PD
A1
A2
SA0 SA1
SA2
SCL
SDA
WP
VCCSPD
VCC/VCCQ
VREF
VSS
Serial PD
DDR2 SDRAMs
DDR2 SDRAMs
DDR2 SDRAMs
PLL
CK0
CK
CK#
CK0#
RESET#
120Ω
DDR2 SDRAM x 2
DDR2 SDRAM x 2
DDR2 SDRAM x 2
DDR2 SDRAM x 2
DDR2 SDRAM x 2
DDR2 SDRAM x 2
DDR2 SDRAM x 2
DDR2 SDRAM x 2
DDR2 SDRAM x 2
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM
CS#
DQS DQS#
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM
CS#
DQS DQS#
CS1#
CS0#
DQS0
DQS0#
DM0
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM
CS#
DQS DQS#
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM
CS#
DQS DQS#
DQS4
DQS4#
DM4
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM
CS#
DQS DQS#
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM
CS#
DQS DQS#
DQS1
DQS1#
DM1
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM
CS#
DQS DQS#
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM
CS#
DQS DQS#
DQS5
DQS5#
DM5
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM
CS#
DQS DQS#
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM
CS#
DQS DQS#
DQS2
DQS2#
DM2
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM
CS#
DQS DQS#
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM
CS#
DQS DQS#
DQS6
DQS6#
DM6
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM
CS#
DQS DQS#
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM
CS#
DQS DQS#
DQS3
DQS3#
DM3
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM
CS#
DQS DQS#
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM
CS#
DQS DQS#
DQS7
DQS7#
DM7
CB0
CB1
CB2
CB3
CB4
CB5
CB6
CB7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM#
CS#
DQS DQS#
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DM
CS#
DQS DQS#
DQS8
DQS8#
DM8
CS0#
CS1#
BA0 - BA1
A0 - A13
RAS#
CAS#
WE#
CKE0
CKE1
ODT0
ODT1
CS# : DDR2 SDRAMs
CS# : DDR2 SDRAMs
BA0 - BA1 : DDR2 SDRAMs
A0 - A13 : DDR2 SDRAMs
RAS# : DDR2 SDRAMs
CAS# : DDR2 SDRAMs
WE# : DDR2 SDRAMs
CKE : DDR2 SDRAMs
CKE : DDR2 SDRAMs
ODT : DDR2 SDRAMs
ODT : DDR2 SDRAMs
NOTE: All resistor values are 22 ohms unless otherwise specified.


Podobny numer części - WV3HG264M72EEU665PD4MG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
White Electronic Design...
WV3HG264M72EEU665D6GG WEDC-WV3HG264M72EEU665D6GG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU665D6MG WEDC-WV3HG264M72EEU665D6MG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU665D6SG WEDC-WV3HG264M72EEU665D6SG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU665D7IMG WEDC-WV3HG264M72EEU665D7IMG Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
WV3HG264M72EEU665D7ISG WEDC-WV3HG264M72EEU665D7ISG Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
More results

Podobny opis - WV3HG264M72EEU665PD4MG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
White Electronic Design...
WV3HG264M72EER-PD4 WEDC-WV3HG264M72EER-PD4 Datasheet
213Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG264M72EEU-D7 WEDC-WV3HG264M72EEU-D7 Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
WV3HG264M72EER-D7 WEDC-WV3HG264M72EER-D7 Datasheet
235Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
W3HG264M72EER-AD7 WEDC-W3HG264M72EER-AD7 Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
WV3HG128M72EEU-PD4 WEDC-WV3HG128M72EEU-PD4 Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
logo
Elpida Memory
EBE10UE8AFSA ELPIDA-EBE10UE8AFSA Datasheet
264Kb / 29P
   1GB DDR2 SDRAM SO-DIMM
EBE11UD8AGUA ELPIDA-EBE11UD8AGUA Datasheet
202Kb / 24P
   1GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN01G64D1BG1MT-2A[W]R ETC2-SEN01G64D1BG1MT-2A[W]R Datasheet
680Kb / 14P
   1GB DDR2 . SDRAM SO-DIMM
logo
Elpida Memory
EBE11UE6ACSA ELPIDA-EBE11UE6ACSA Datasheet
299Kb / 27P
   1GB DDR2 SDRAM SO-DIMM
EBE11UD8ABDA ELPIDA-EBE11UD8ABDA Datasheet
224Kb / 21P
   1GB DDR2 SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com