Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WV3HG264M72EEU806D7IMG Arkusz danych(PDF) 7 Page - White Electronic Designs Corporation

Numer części WV3HG264M72EEU806D7IMG
Szczegółowy opis  1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WEDC [White Electronic Designs Corporation]
Strona internetowa  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG264M72EEU806D7IMG Arkusz danych(HTML) 7 Page - White Electronic Designs Corporation

Back Button WV3HG264M72EEU806D7IMG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG264M72EEU806D7IMG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG264M72EEU806D7IMG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG264M72EEU806D7IMG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG264M72EEU806D7IMG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG264M72EEU806D7IMG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG264M72EEU806D7IMG Datasheet HTML 9Page - White Electronic Designs Corporation WV3HG264M72EEU806D7IMG Datasheet HTML 10Page - White Electronic Designs Corporation WV3HG264M72EEU806D7IMG Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
WV3HG264M72EEU-D7
May 2006
Rev. 0
ADVANCED
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
AC TIMING PARAMETERS
VCC = +1.8V ± 0.1V
Parameter
Symbol
806
665
534
403
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Clock cycle time
CL=6
tCK(6)
TBD
TBD
CL=5
tCK(5)
TBD
TBD
3000
8000
----
ps
CL=4
tCK(4)
TBD
TBD
3750
8000
3,750
8,000
5,000
8,000
ps
CL=3
tCK(3)
TBD
TBD
5000
8000
5,000
8,000
5,000
8,000
ps
CK high-level width
tCH
TBD
TBD
0.45
0.55
0.45
0.55
0.45
0.55
tCK
CK low-level width
tCL
TBD
TBD
0.45
0.55
0.45
0.55
0.45
0.55
tCK
Half clock period
tHP
TBD
TBD
MIN(tCH,
tCL)
MIN (tCH,
tCL)
MIN (tCH,
tCL)
ps
Clock jitter
tJIT
TBD
TBD
-125
125
-125
125
-125
125
ps
DQ output access time from CK/CK#
tAC
TBD
TBD
-450
+450
-500
+500
-600
+600
ps
Data-out high impedance window from CK/CK#
tHZ
TBD
TBD
tAC(MAX)
tAC(MAX)
tAC(MAX)
ps
Data-out low-impedance window from CK/CK#
tLZ
TBD
TBD
tAC(MIN) tAC(MAX) tAC(MIN) tAC(MAX) tAC(MIN) tAC(MAX)
ps
DQ and DM input setup time relative to DQS
tDS
TBD
TBD
100
100
150
DQ and DM input hold time relative to DQS
tDH
TBD
TBD
175
225
275
DQ and DM input pulse width (for each input)
tDIPW
TBD
TBD
0.35
0.35
0.35
tCK
Data hold skew factor
tQHS
TBD
TBD
340
400
450
ps
DQ-DQS hold, DQS to first DQ to go nonvalid, per
access
tQH
TBD
TBD
tHP - tQHS
tHP - tQHS
tHP - tQHS
ps
Data valid output window (DVW)
tDVW
TBD
TBD
tQH
- tDQSQ
tQH
- tDQSQ
tQH
- tDQSQ
ns
DQS input high pulse width
tDQSH
TBD
TBD
0.35
0.35
0.35
tCK
DQS input low pulse width
tDQSL
TBD
TBD
0.35
0.35
0.35
tCK
DQS output access time from CK/CK#
tDQSCK
TBD
TBD
-400
+400
-450
+450
-500
+500
ps
DQS falling edge to CK rising - setup time
tDSS
TBD
TBD
0.2
0.2
0.2
tCK
DQS falling edge from CK rising - hold time
tDSH
TBD
TBD
0.2
0.2
0.2
tCK
DQS-DQ skew, DOS to last DQ valid, per group, per
access
tDQSQ
TBD
TBD
240
300
350
ps
DQS read preamble
tRPRE
TBD
TBD
0.9
1.1
0.9
1.1
0.9
1.1
tCK
DQS read postamble
tRPST
TBD
TBD
0.4
0.6
0.4
0.6
0.4
0.6
tCK
DQS write preamble setup time
tWPRES
TBD
TBD
000
ps
DQS write preamble
tWPRE
TBD
TBD
0.35
0.35
0.35
tCK
DQS write postamble
tWPST
TBD
TBD
0.4
0.6
0.4
0.6
0.4
0.6
tCK
Write command to first DQS latching transition
tDQSS
TBD
TBD
WL-0.25 WL+0.25 WL-0.25 WL+0.25 WL-0.25 WL+0.25
tCK
AC specification is based on SAMSUNG components. Other DRAM manufacturers specification may be different.


Podobny numer części - WV3HG264M72EEU806D7IMG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
White Electronic Design...
WV3HG264M72EEU806D6GG WEDC-WV3HG264M72EEU806D6GG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU806D6MG WEDC-WV3HG264M72EEU806D6MG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU806D6SG WEDC-WV3HG264M72EEU806D6SG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
More results

Podobny opis - WV3HG264M72EEU806D7IMG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
White Electronic Design...
WV3HG264M72EER-D7 WEDC-WV3HG264M72EER-D7 Datasheet
235Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
W3HG264M72EER-AD7 WEDC-W3HG264M72EER-AD7 Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
WV3HG264M72EER-PD4 WEDC-WV3HG264M72EER-PD4 Datasheet
213Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG264M72EEU-PD4 WEDC-WV3HG264M72EEU-PD4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UDIMM, SO-DIMM w/PLL
WV3HG264M72EEU-D6 WEDC-WV3HG264M72EEU-D6 Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG128M72EEU-PD4 WEDC-WV3HG128M72EEU-PD4 Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
logo
Elpida Memory
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
logo
White Electronic Design...
WV3HG128M72EER-D7 WEDC-WV3HG128M72EER-D7 Datasheet
185Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com