Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WV3HG264M72EEU665PD4IMG Arkusz danych(PDF) 5 Page - White Electronic Designs Corporation

Numer części WV3HG264M72EEU665PD4IMG
Szczegółowy opis  1GB - 2x64Mx72 DDR2 SDRAM UDIMM, SO-DIMM w/PLL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WEDC [White Electronic Designs Corporation]
Strona internetowa  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG264M72EEU665PD4IMG Arkusz danych(HTML) 5 Page - White Electronic Designs Corporation

  WV3HG264M72EEU665PD4IMG Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG264M72EEU665PD4IMG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG264M72EEU665PD4IMG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG264M72EEU665PD4IMG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG264M72EEU665PD4IMG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG264M72EEU665PD4IMG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG264M72EEU665PD4IMG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG264M72EEU665PD4IMG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG264M72EEU665PD4IMG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
WV3HG264M72EEU-PD4
April 2006
Rev. 2
ADVANCED
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
OPERATING TEMPERATURE CONDITION
Parameter
Symbol
Rating
Units
Notes
Operating temperature (Commercial)
TOPER
0° to 85°
°C
1, 2
Notes:
1. Operating temperature is the case surface temperature on the center/top side of the DRAM. For the measurement conditions, please refer to JEDED JESD51.2
2. At 0°C - 85°C, operation temperature range, all DRAM specification will be supported.
INPUT DC LOGIC LEVEL
All voltages referenced to VSS
Parameter
Symbol
Min
Max
Units
Input High (Logic 1) Voltage
VIH(DC)
VREF + 0.125
VCC + 0.300
V
Input Low (Logic 0) Voltage
VIL(DC)
-0.300
VREF - 0.125
V
INPUT AC LOGIC LEVEL
All voltages referenced to VSS
Parameter
Symbol
Min
Max
Unit
AC Input High (Logic 1) Voltage
DDR2-400 & DDR2-533
VIH(AC)
VREF + 0.250
-
V
AC Input High (Logic 1) Voltage
DDR2-667
VIH(AC)
VREF + 0.200
-
V
AC Input High (Logic 0) Voltage
DDR2-400 & DDR2-533
VIL(AC)
-
VREF - 0.250
V
AC Input High (Logic 0) Voltage
DDR2-667
VIL(AC)
-
VREF - 0.200
V


Podobny numer części - WV3HG264M72EEU665PD4IMG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
White Electronic Design...
WV3HG264M72EEU665D6GG WEDC-WV3HG264M72EEU665D6GG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU665D6MG WEDC-WV3HG264M72EEU665D6MG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU665D6SG WEDC-WV3HG264M72EEU665D6SG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU665D7IMG WEDC-WV3HG264M72EEU665D7IMG Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
WV3HG264M72EEU665D7ISG WEDC-WV3HG264M72EEU665D7ISG Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
More results

Podobny opis - WV3HG264M72EEU665PD4IMG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
White Electronic Design...
WV3HG264M72EER-PD4 WEDC-WV3HG264M72EER-PD4 Datasheet
213Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG264M72EEU-D7 WEDC-WV3HG264M72EEU-D7 Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
WV3HG264M72EER-D7 WEDC-WV3HG264M72EER-D7 Datasheet
235Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
W3HG264M72EER-AD7 WEDC-W3HG264M72EER-AD7 Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
WV3HG128M72EEU-PD4 WEDC-WV3HG128M72EEU-PD4 Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
logo
Elpida Memory
EBE10UE8AFSA ELPIDA-EBE10UE8AFSA Datasheet
264Kb / 29P
   1GB DDR2 SDRAM SO-DIMM
EBE11UD8AGUA ELPIDA-EBE11UD8AGUA Datasheet
202Kb / 24P
   1GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN01G64D1BG1MT-2A[W]R ETC2-SEN01G64D1BG1MT-2A[W]R Datasheet
680Kb / 14P
   1GB DDR2 . SDRAM SO-DIMM
logo
Elpida Memory
EBE11UE6ACSA ELPIDA-EBE11UE6ACSA Datasheet
299Kb / 27P
   1GB DDR2 SDRAM SO-DIMM
EBE11UD8ABDA ELPIDA-EBE11UD8ABDA Datasheet
224Kb / 21P
   1GB DDR2 SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com