Zakładka z wyszukiwarką danych komponentów |
|
LM2931AZ50 Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
LM2931AZ50 Arkusz danych(HTML) 1 Page - STMicroelectronics |
1 / 19 page 1/19 March 2004 s VERY LOW DROPOUT VOLTAGE (0.15V TYP. AT 10mA LOAD) s LOW QUIESCENT CURRENT (TYP. 2.5mA, AT 100mA LOAD) s OUTPUT CURRENT UP TO 100mA s ADJUSTABLE (FROM VOUT =2.5V ONLY SO-8) AND FIXED (3.3V & 5V) OUTPUT VOLTAGE VERSION s INTERNAL CURRENT AND THERMAL LIMIT s LOAD DUMP PROTECTION UP TO 60V s REVERSE TRANSIENT PROTECTION UP TO -50V s TEMPERATURE RANGE: -40 TO 125°C s PACKAGE AVAILABLE: TO-92, DPAK, TO-220, SO-8 (WITH INHIBIT CONTROL) DESCRIPTION The LM2931 series are very low drop regulators. The very low drop voltage and the low quiescent current make them particular suitable for low noise, low power applications and in battery powered systems. In the 8 pin configuration (SO-8), fully compatible to the older L78L00 family, a shut down Logic Control function is available. This means that when the device is used as a local regulator is possible to put a part of the board in stand-by decreasing the total power consumption. Ideal for automotive application the LM2931 is protected from reverse battery installations or 2 battery jumps. During the transient, such as a a load dump (60V) when the input voltage can exceed the specified maximum operating input voltage (26V), the regulator will automatically shut down to protect both internal circuit and the load. LM2931 SERIES VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT FUNCTION SCHEMATIC DIAGRAM TO-220 SO-8 TO-92 DPAK |
Podobny numer części - LM2931AZ50 |
|
Podobny opis - LM2931AZ50 |