Zakładka z wyszukiwarką danych komponentów |
|
74HCT162 Arkusz danych(PDF) 4 Page - NXP Semiconductors |
|
74HCT162 Arkusz danych(HTML) 4 Page - NXP Semiconductors |
4 / 11 page December 1990 4 Philips Semiconductors Product specification Presettable synchronous BCD decade counter; synchronous reset 74HC/HCT162 FUNCTION TABLE Notes 1. The TC output is HIGH when CET is HIGH and the counter is at terminal count (HLLH). H = HIGH voltage level h = HIGH voltage level one set-up time prior to the LOW-to-HIGH CP transition L = LOW voltage level I = LOW voltage level one set-up time prior to the LOW-to-HIGH CP transition q = lower case letters indicate the state of the referenced output one set-up time prior to the LOW-to-HIGH CP transition X = don’t care ↑ = LOW-to-HIGH CP transition OPERATING MODE INPUTS OUTPUTS MR CP CEP CET PE Dn Qn TC reset (clear) I ↑ XXX X L L parallel load h h ↑ ↑ X X X X I I I h L H L (1) count h ↑ h h h X count (1) hold (do nothing) h h X X I X X I h h X X qn qn (1) L Fig.4 Functional diagram. |
Podobny numer części - 74HCT162 |
|
Podobny opis - 74HCT162 |